Electronic Components Datasheet Search
  English  ▼

X  

7.5DAW Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 7.5DAW
Description  7.5W - Single/Dual Output - Ultra Wide Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

7.5DAW Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  7.5DAW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 7.5DAW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 7.5DAW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 7.5DAW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 4
7.5DAW_2 – Rev. 2020-1.2
Specifications subject to change without notice.
7.5DAW_2 series
7.5W - Single/Dual Output - Wide Input - Isolated & Regulated
DC-DC Converter
Tube outline
Note:
Unit: mm
General tolerances: ±0.50mm
L=530mm ±2mm
Tube quantity: 15pcs
Typical characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com