Electronic Components Datasheet Search
  English  ▼

X  

ILC555D Datasheet(PDF) 1 Page - Integral Corp.

Part # ILC555D
Description  CMOS general purpose timer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILC555D Datasheet(HTML) 1 Page - Integral Corp.

  ILC555D Datasheet HTML 1Page - Integral Corp. ILC555D Datasheet HTML 2Page - Integral Corp. ILC555D Datasheet HTML 3Page - Integral Corp. ILC555D Datasheet HTML 4Page - Integral Corp. ILC555D Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
ILC555
CMOS general purpose timer
ORDERING INFORMATION
ILC555N Plastic
ILC555D SOIC
TA = -20° to 70° C for all packages.
PIN ASSIGNMENT
OUTPUT
TRIGGER
RESET
ILC555N
DISCHARGE
V
CC
01
02
03
04
05
06
07
08
THRESHOLD
CONTROL
VOLTAGE
GND
The ILC555 is CMOS RC timers providing significantly improved
performance over the standard SE/NE555 and 355 timers, while at the
same time being direct replacements for those devices in most applications.
Improved parameters include low supply current, wide operating supply
voltage range, low THRESHOLD, TRIGGER and RESET currents, no
crowbarring of the supply current during output transitions, higher
frequency performance and no requirement to decouple CONTROL
VOLTAGE for stable operation.
Specifically, the ILC555 is stable controller capable of producing
accurate time delays of frequencies.
• Exact equivalent in most cases for SE/NE555.
• Low Supply Current.
• High speed operation – 500 kHz guaranteed.
• Wide operation supply voltage range – 2 to 18 volts.
• Timing from microseconds through hours.
• Operates in both astable and monostable modes.
• Adjustable duty cycle.
• High output source/sink driver can drive TTL/CMOS
1


Similar Part No. - ILC555D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILC555D IKSEMICON-ILC555D Datasheet
244Kb / 5P
CMOS general purpose timer
ILC555D IKSEMICON-ILC555D Datasheet
161Kb / 5P
CMOS general purpose timer
More results

Similar Description - ILC555D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ICM7555 PHILIPS-ICM7555 Datasheet
105Kb / 9P
General purpose CMOS timer
August 31, 1994
logo
Sanyo Semicon Device
LB8555D SANYO-LB8555D Datasheet
66Kb / 3P
General-Purpose Timer
LB8555M SANYO-LB8555M Datasheet
62Kb / 3P
General-Purpose Timer?
logo
KODENSHI_AUK CORP.
KKC555 KODENSHI-KKC555 Datasheet
263Kb / 5P
CMOS general purpose timer
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
logo
NXP Semiconductors
ICM7555 NXP-ICM7555 Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555_11 Datasheet
161Kb / 5P
CMOS general purpose timer
logo
NXP Semiconductors
ICM7555IN NXP-ICM7555IN Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
logo
IK Semicon Co., Ltd
ILC555QDT IKSEMICON-ILC555QDT Datasheet
501Kb / 5P
CMOS general purpose timer
logo
First Silicon Co., Ltd
NE555 FS-NE555 Datasheet
363Kb / 5P
General purpose timer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com