Electronic Components Datasheet Search
  English  ▼

X  

SM560B Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # SM560B
Description  SM520B 5.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SM560B Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  SM560B Datasheet HTML 1Page - First Silicon Co., Ltd SM560B Datasheet HTML 2Page - First Silicon Co., Ltd SM560B Datasheet HTML 3Page - First Silicon Co., Ltd SM560B Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2012. 02. 20
4/4
Revision No : 0
SM520B thru SM5100B
Surface Mount Packaging
Packing
337x337x39
BOX SIZE
(mm)
SMB
Q'TY/REEL
(PCS)
REEL DIA.
(mm)
3K
330
DEVICE TYPE
Q'TY / CARTON
(PCS)
30K
Q'TY/BOX
(PCS)
6K
CARTON / SIZE
(mm)
380x220x370
T
C
d
A
B
P0
Top Cover Tape
Carrier Tape
Embossed Cavity
P1
W
D
D2
W1
D1
W2
E
E
Reel Taping Specifications for Surface Mount Devices
SMB
Reel outside diameter
Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Sprocket hole pitch
Sprocket hole pitch
Embossment center
Overall tape thickness
Tape width
Reel width
Reed width
Symbol
SMA
Item
SMC
A
50 min
13.5± 1
1.75± 0.1
5.5± 0.05
4.0± 0.1
4.0± 0.1
2.0± 0.05
0.6 max
12.0± 0.3
18.4 (max)
14.4 (max)
2.7 (max)
5.3 (max)
2.66 (max)
1.50± 0.1 DIA
50 min
13.5± 1
1.75± 0.1
5.5± 0.05
8.0± 0.1
4.0± 0.1
2.0± 0.05
0.6 max
12.0± 0.3
18.4 (max)
14.4 (max)
4.0 (max)
5.9 (max)
3.0 (max)
1.50± 0.1 DIA
330± 2
330± 2
330± 2
50 min
13.5± 1
1.75± 0.1
7.5± 0.1
8.0± 0.1
4.0± 0.1
2.0± 0.05
0.6 max
16.0± 0.3
22.4 (max)
18.4 (max)
2.7 (max)
5.3 (max)
2.66 (max)
1.50± 0.1 DIA
B
C
d
D
D1
D2
E
F
P
P0
P1
T
W
W1
W2
Carrier width
Carrier length
Carrier depth
Sprocket hole



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com