Electronic Components Datasheet Search
  English  ▼

X  

ULN2803AP Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # ULN2803AP
Description  8 HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

ULN2803AP Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  ULN2803AP Datasheet HTML 1Page - First Silicon Co., Ltd ULN2803AP Datasheet HTML 2Page - First Silicon Co., Ltd ULN2803AP Datasheet HTML 3Page - First Silicon Co., Ltd ULN2803AP Datasheet HTML 4Page - First Silicon Co., Ltd ULN2803AP Datasheet HTML 5Page - First Silicon Co., Ltd ULN2803AP Datasheet HTML 6Page - First Silicon Co., Ltd ULN2803AP Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ULN2803
7 2kΩ
2 7kΩ
GND
OUTPUT
COMMON
INPUT
INPUT
COMMON
OUTPUT
GND
10 5kΩ
7 2kΩ
ULN2804
PIN CONNECTION (TOP VIEW)
*
*
* : Parasitic Diodes
NOTE. The input and output parasitic diodes cannot be used as clamp diodes.
(
(
*
*
2009. 8. 14
2/7
ULN2803AP/AF ULN2804AP/AF
Revision No : 0
18
17
16
15
14
13
12
11
8
7
6
5
4
3
2
1
O
9
GND
10
COMMON
1
2
O
3
O
4
O
5
O
6
O
7
O
O8
1
I
2
I
3
I
4
I
5
I
6
I
7
I
8
I
O



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com