Electronic Components Datasheet Search
  English  ▼

X  

QED223 Datasheet(PDF) 4 Page - ON Semiconductor

Part # QED223
Description  Plastic Infrared Light Emitting Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

QED223 Datasheet(HTML) 4 Page - ON Semiconductor

  QED223 Datasheet HTML 1Page - ON Semiconductor QED223 Datasheet HTML 2Page - ON Semiconductor QED223 Datasheet HTML 3Page - ON Semiconductor QED223 Datasheet HTML 4Page - ON Semiconductor QED223 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Typical Performance Curves (Continued)
Figure 8. Coupling Characteristics of QED22X and QSD22X
LENS TIP SEPARATION (inches)
0
1
2
3
4
5
6
1.0
0.8
0.6
0.4
0.2
0.0
0
°
10
°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
150
°
160
°
170
°
180
°
IF = 20mA
IF = 100mA
Figure 7. Radiation Diagram
0.0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
1.0
Normalized to:
d = 0 inch
Pulse Width = 100
μs
Duty Cycle = 0.1%
VCC = 5V
RL = 100Ω
TA = 25°C
www.onsemi.com
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com