Electronic Components Datasheet Search
  English  ▼

X  

S2D Datasheet(PDF) 3 Page - ON Semiconductor

Part # S2D
Description  General-Purpose Rectifiers (Glass Passivated)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S2D Datasheet(HTML) 3 Page - ON Semiconductor

  S2D Datasheet HTML 1Page - ON Semiconductor S2D Datasheet HTML 2Page - ON Semiconductor S2D Datasheet HTML 3Page - ON Semiconductor S2D Datasheet HTML 4Page - ON Semiconductor S2D Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S2A−S2M
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
0.1
1
10
100
1
50
Figure 1. Forward Current Derating Curve
Figure 2. Non−Repetitive Surge Current
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs. Reverse Voltage
Figure 5. Total Capacitance
0
0.5
1.0
1.5
2.0
0
25
50
75
100
150
175
Ambient Temperature [5C]
2
5
10
20
50
100
Number of Cycles at 60 Hz
Forward Voltage, VF [V]
10
1
0.1
0.01
0.4
1.0
1.6
0.6
0.8
1.2
1.4
Percent of Rated Peak Reverse Voltage [%]
0
0.01
0.1
1
10
20
40
60
80
100
120
140
TA = 25°C
Reverse Voltage, VR [V]
125
Resistive or Inductive Load
P.C.B. Mounted
8.0 × 8.0 mm
Copper Pad Areas
40
30
20
10
0
TA = 25°C
Pulse Width = 300 ms
2% Duty Cycle
TA = 100°C
TA = 125°C
2
5
20
50
0.2
0.5
1
2
5
10
20
50 100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com