Electronic Components Datasheet Search
  English  ▼

X  

LM2301D Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2301D
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2301D Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2301D Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301D Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301D Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301D Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301D Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Summary
● VDS
-15V
● ID
-3.8A
● RDS(ON)( at VGS=-4.5V)
<52 mohm
● RDS(ON)( at VGS=-2.5V)
<78 mohm
● RDS(ON)( at VGS=-1.8V)
<87 mohm
General Description
● Trench Power LV MOSFET technology
● Low RDS(ON)
● Low Gate Charge
Applications
● Video monitor
● Power management
■ Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Maximum
Unit
Drain-source Voltage
VDS
-15
V
Gate-source Voltage
VGS
±10
V
Drain Current
TA=25℃ @ Steady State
ID
-3.8
A
TA=70℃ @ Steady State
-3
Pulsed Drain Current A
IDM
-15
A
Total Power Dissipation @ TA=25℃
PD
1
W
Thermal Resistance Junction-to-Ambient @ Steady State B
RθJA
125
℃/ W
Junction and Storage Temperature Range
TJ ,TSTG
-55~+150
℃
■ Ordering Information (Example)
PREFERED P/N
PACKING
CODE
Marking
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
LM2301D
F2
2301D.
3000
30000
120000
7“ reel
Enhancement Mode Field Effect Transistor
P-Channel
LM2301D
Rev :
www.leiditech.com
01.06.2018
1/5


Similar Part No. - LM2301D

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM2301 LEIDITECH-LM2301 Datasheet
379Kb / 3P
P-Channel Enhancement-Mode MOS FETs
LM2301B LEIDITECH-LM2301B Datasheet
1Mb / 3P
LCE P-Channel Enhancement Mode Power MOSFET
LM2301C LEIDITECH-LM2301C Datasheet
1Mb / 5P
P-Channel Enhancement Mode Power MOSFET
LM2301F LEIDITECH-LM2301F Datasheet
475Kb / 5P
P-Channel Enhancement Mode Power MOSFET
LM2301GW LEIDITECH-LM2301GW Datasheet
1Mb / 5P
P-Channel Enhancement Mode Field Effect Translstor
More results

Similar Description - LM2301D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com