Electronic Components Datasheet Search
  English  ▼

X  

10DAW4 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 10DAW4
Description  10W - Dual/Single Output - 4:1 Wide Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

10DAW4 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  10DAW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 10DAW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 10DAW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 10DAW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 10DAW4 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 5
10DAW4_1.5 – Rev. 2016-1.1
Specifications subject to change without notice.
10DAW4_1.5 Series
10W - Dual/Single Output - 4:1 Wide Input - Isolated & Regulated
DC-DC Converter
EMC recommended circuit PCB layout
EMC solution-recommended circuit
Note:
Part ,1 is for EMS test, part 2 is for EMI filtering
Choose according to requirements.
It is not allowed to connect modules output in parallel to enlarge the power.
Parameter description:
Model
Vin: 24V
Vin: 48V
FUSE
Choose according to actual input current
MOV
S14K35
S14K60
C0
330µF/50V
330µF/100V
C1
1µF/50V
1µF/100V
C2
Refer to the Cout in recommended circuit
LDM1
4.7µH
CY1
1nF/2KV
CY2
1nF/2KV
Mechanical dimensions and footprint
Note:
Unit: mm[inch]
Pin diameter tolerances: ±0.10mm [
±0.004inch]
General tolerances: ±0.50mm [
±0.050inch]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com