Electronic Components Datasheet Search
  English  ▼

X  

10DMW4 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 10DMW4
Description  10W - Dual/Single Output - 4:1 Wide Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

10DMW4 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  10DMW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 10DMW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 10DMW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 10DMW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 10DMW4 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 5
10DMW4_S & 10DMW4_D – Rev. 2020-1.5
Specifications subject to change without notice.
10DMW4_S & 10DMW4_D Series
10W - Dual/Single Output - 4:1 Wide Input - Isolated & Regulated
DC-DC Converter
EMC recommended circuit PCB layout
EMC solution recommended circuit
Note:
Part ①1 is EMS recommended external circuit, part 2 is EMI recommended
external circuit. Choose according to requirements.
Note:
The min. distance of the bonding pads between input & output isolation capacitors
(CY1/CY2) shall be ≥ 2mm.
Recommended external circuit parameters:
Model
Vin: 24V
Vin: 48V
FUSE
Choose according to practical input current
MOV
S14K35
S14K60
C0
330µF/50V
330µF/100V
C1
1µF/50V
1µF/100V
C2
Refer to the Cout in typical application
LDM1
4.7µH
CY1/CY2
1nF/2KV
Typical application
All the DC/DC converters of this series are tested according to the re-
commended circuit (see Fig. 1) before delivery.
If it is required to further reduce input and output ripple, properly incre-
ase the input & output of additional capacitors Cin and Cout or select
capacitors of low equivalent impedance provided that the capacitance
is no larger than the max. capacitive load of the product.
The product does not support output in parallel with power per liter.
Figure 1
Vin (VDC)
Cin (µF)
Cout (µF)
24
100
10
48
10-47
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com