Electronic Components Datasheet Search
  English  ▼

X  

10DPW Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 10DPW
Description  10W - Single/Dual Output - Wide Input - Isolated & Regulated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

10DPW Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  10DPW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 10DPW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 10DPW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 3
10DPW_1.5 – Rev. 2017-1.1
Specifications subject to change without notice.
10DPW_1.5 Series
10W - Single/Dual Output - Wide Input - Isolated & Regulated
DC-DC Converter
DC-DC Converter
10 Watt
The 10DPW_1.5 Series are isolated 10W DC/DC converters. Designed
with high efficiency, they allow the operating temperature range of these
units to be -40°C to +85°C with industry-standard footprint. Further
features include wide 2:1 input voltage range, remote on/off control,
short-circuit protection and over voltage protection.
These converters are well suitable for battery operated equipment, mea-
surement equipment, telecom, wireless network and industry control
systems. Everywhere where isolated, tightly regulated voltages and com-
pact size are required.
Model selection:
WCTV_xxyyN##
W= Watt; C= Case; T= Type; V= Voltage Variation (omitted ± 10%);
xx= Vin; yy= Vout; N= Numbers of Output; ##= Isolation (kVDC)
Example:
10DPW_2415S1.5
10= 10Watt; D= DIP; P= series; W= wide input (2:1) 18-36Vin;
15Vout; S= single output; 1.5= 1500VDC
Common specifications
Short circuit protection:
Hiccup, automatic recovery
Cooling:
Free air convection
Operation temperature range:
-40°C~+100°C, with derating
Storage temperature range:
-55°C~+125°C
Maximum case temperature:
95°C
Switching frequency:
400kHz typ.
Storage humidity range:
95% max.
Radiated emissions:
EN55022/Class A
Conducted emissions:
EN55022/Class A
Case material:
Five-Side Shielded Case
Potting material:
Epoxy (UL94V-0)
MTBF (MIL-HDBK-217F @25°C):
900,000 hours
Weight:
17.5g
Isolation specifications
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Input to output
1500
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Input specifications
Item
Test condition
Min
Typ
Max
Units
Input filter
Pi Type
Protection
Fuse recommended
Input surge voltage
(100ms max.)
• Nominal input (12V)
• Nominal input (24V)
• Nominal input (48V)
25
50
100
VDC
Input reflected ripple
current
Nominal Vin and full
load
50
mAp-p
Start-up time
Nominal Vin and
constant resistive load
500
ms
Remote ON/OFF
• Converter: ON
• Converter: OFF
Open or 3.5V<Vr<12V
Short or 0V<Vr<1.2V
Sourcing current of
remote control pin
Nominal Vin
<0.2
mA
Idle input current (at
Remote OFF state)
Nominal Vin
<2.5
mA
Output specifications
Item
Test condition
Min
Typ
Max
Units
Minimum load
10% of full load
Output voltage
accuracy
Full load and nominal
Vin
±2
%
Overload
protection
150
%
Cross regulation
Dual (25%-100% load)
±5
%
Line regulation
±0.5
%
Load regulation
Single & Dual
(F.L-25%F.L)
±0.5
%
Ripple and noise
20MHz Bandwidth
• 3-15V output
• <15V output
100
1% of
Vout
mVp-p
mVp-p
Transient response
settling time
50% load step change
350
µs
Note:
1. Only typical model listed. Non-standard models will be different from the above,
please contact us for more details.
2. All specifications are typical at nominal input, full load and 25°C unless
otherwise stated.
3. In this datasheet, all the test methods of indications are based on corporate
standards.
Wide 2:1 input voltage range
Input/Output Isolation Voltage:
1.5KVDC
Operating Temperature Range:
-40°C to +100°C
Short circuit protection (SCP)
Remote On/Off
High efficiency
10W DIL package
Meet EN55022, Class A
(Radiation)
Shielded Metal Case with
Insulated Baseplate
RoHS Compliant
Customer Design Available


Similar Part No. - 10DPW

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
10DPW4 GAPTEC-10DPW4 Datasheet
389Kb / 3P
10W - Single/Dual Output - Wide Input - Isolated & Regulated
10DPW4_2403S1.5 GAPTEC-10DPW4_2403S1.5 Datasheet
389Kb / 3P
10W - Single/Dual Output - Wide Input - Isolated & Regulated
10DPW4_2405D1.5 GAPTEC-10DPW4_2405D1.5 Datasheet
389Kb / 3P
10W - Single/Dual Output - Wide Input - Isolated & Regulated
10DPW4_2405S1.5 GAPTEC-10DPW4_2405S1.5 Datasheet
389Kb / 3P
10W - Single/Dual Output - Wide Input - Isolated & Regulated
10DPW4_2412D1.5 GAPTEC-10DPW4_2412D1.5 Datasheet
389Kb / 3P
10W - Single/Dual Output - Wide Input - Isolated & Regulated
More results

Similar Description - 10DPW

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
10D6AW4 GAPTEC-10D6AW4 Datasheet
2Mb / 5P
10W - Dual/Single Output - 4:1 Wide Input - Isolated & Regulated
10DAW GAPTEC-10DAW Datasheet
1Mb / 5P
10W - Dual/Single Output - 2:1 Wide Input - Isolated & Regulated
10DAW4 GAPTEC-10DAW4 Datasheet
1Mb / 5P
10W - Dual/Single Output - 4:1 Wide Input - Isolated & Regulated
10DAW4-3 GAPTEC-10DAW4-3 Datasheet
1Mb / 5P
10W - Single/Dual Output - Wide Input - Isolated & Regulated
10DMW4 GAPTEC-10DMW4 Datasheet
896Kb / 5P
10W - Dual/Single Output - 4:1 Wide Input - Isolated & Regulated
10DPW4 GAPTEC-10DPW4 Datasheet
389Kb / 3P
10W - Single/Dual Output - Wide Input - Isolated & Regulated
10DRW4 GAPTEC-10DRW4 Datasheet
2Mb / 5P
10W - Single Output - Wide Input - Isolated & Regulated
10S8W GAPTEC-10S8W Datasheet
2Mb / 4P
10W - Single Output - Wide Input - Isolated & Regulated
10T6AW4 GAPTEC-10T6AW4 Datasheet
2Mb / 5P
10W - Dual/Single Output - 4:1 Wide Input - Isolated & Regulated
13POE GAPTEC-13POE Datasheet
562Kb / 2P
10W and 13W - Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com