Electronic Components Datasheet Search
  English  ▼

X  

10DRW4 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 10DRW4
Description  10W - Single Output - Wide Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

10DRW4 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  10DRW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 10DRW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 10DRW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 10DRW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 10DRW4 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 5
10DRW4_2.25 – Rev. 2017-1.0
Specifications subject to change without notice.
10DRW4_2.25 Series
10W - Single Output - Wide Input - Isolated & Regulated
DC-DC Converter
EMC solution recommended circuit
figure 2
figure 3
It is not allowed to connect modules output in parallel to enlarge the power.
Figure 2 parameter descricption:
FUSE
Choose according to actual input current
FC-CX1D
FC-CX1D is the EMC auxiliary component of our
company. Input voltage range: 40V-160V
C0
100µF/200V
C1
Refer to the Cin in Fig. 1
C2
Refer to the Cout in Fig. 1
CY1, CY2
1000pF/400VAC
Figure 4 parameter descricption:
C0
100µF/200V
C1, C2
0.22µF/250V
C3
Refer to the Cin in Fig. 1
LCM1
2.2mH (FL2D-10-222 - the EMC auxiliary component of our company.)
LCM2
1.1mH (material:TN150P-RH12.7*12.7*7.9)
CY1, CY2, CY3, CY4
1000pF/400VAC
C4
Refer to the Cout in Fig. 1
Note: Part ① in the Fig. 3 is used for EMS test and part ② for
EMI filtering; selected based on needs.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com