Electronic Components Datasheet Search
  English  ▼

X  

20DAW4 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 20DAW4
Description  20W - Single Output - Wide Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

20DAW4 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  20DAW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 20DAW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 20DAW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 20DAW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 20DAW4 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 5
20DAW4_3 – Rev. 2020-1.1
Specifications subject to change without notice.
20DAW4_3 Series
20W - Single Output - Wide Input - Isolated & Regulated
DC-DC Converter
Typical application
EMC solution-recommended circuit
Note:
In Figure 1, part 1 is used for EMS test, part 2 for EMI filtering.
Choose according to requirements.
Recommended
external circuit
parameters
Vin: 24V
Vin: 48V
FUSE
Choose according to actual input current
MOV
S20K30
S14K60
C0
330µF/50V
330µF/100V
C1/C2
1µF/50V
1µF/100V
C3
Refer to the Cout in Typical application
LDM1
6.8µH
CY1, CY2
1nF/3KV
Figure 1
All the DC/DC converters of this series are tested according to the
recommended circuit (see Fig. 2) before delivery.
If it is required to further reduce input and output ripple, properly
increase the input & output of additional capacitors Cin and Cout or
select capacitors of low equivalent impedance provided that the
capacitance is no larger than the max. capacitive load of the pro-
duct.
External capacitor table
Single Vout (VDC)
Cout (µF)
Cin (µF)
3.3, 5
470
100
9, 12, 15
220
100
24
100
100
Trim application & trim resistance
Calculation formula of Trim resistance
It is not allowed to connect modules output in parallel to enlarge the power.
Vout (V)
R1 (KΩ)
R2 (KΩ)
R3 (KΩ)
Vref (V)
3.3
4.801
2.87
12.4
1.25
5
2.883
2.87
10
2.5
9
7.500
2.87
15
2.5
12
11.000
2.87
15
2.5
15
14.494
2.87
15
2.5
24
24.872
2.87
17.8
2.5
Application circuit for TRIM
(Part in broken line is the interior of models)
Note:
Value for R1, R2, R3, and Vref refer to the following table.
R
T: Resistance of Trim
a: User-defined parameter, no actual meanings
Vo’: The trim up/down voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com