Electronic Components Datasheet Search
  English  ▼

X  

LM3400 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3400
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3400 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3400 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3400 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3400 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3400 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3400 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Summary
● VDS
30V
● ID
5.6A
● RDS(ON)( at VGS=10V)
<27 mohm
● RDS(ON)( at VGS=4.5V)
<33 mohm
● RDS(ON)( at VGS=2.5V)
<51 mohm
General Description
● Trench Power LV MOSFET technology
● High density cell design for low RDS(ON)
● High Speed switching
Applications
● Battery protection
● Load switch
● Power management
■ Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-source Voltage
VDS
30
V
Gate-source Voltage
VGS
±12
V
Drain Current
TA=25℃ @ Steady State
ID
5.6
A
TA=70℃ @ Steady State
4.5
Pulsed Drain Current A
IDM
23
A
Total Power Dissipation @ TA=25℃
PD
1.2
W
Thermal Resistance Junction-to-Ambient @ Steady State B
RθJA
104
℃/ W
Junction and Storage Temperature Range
TJ ,TSTG
-55~+150
℃
■ Ordering Information (Example)
PREFERED P/N
PACKING
CODE
Marking
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
LM3400
F2
3400.
3000
30000
120000
7“ reel
Enhancement Mode Power MOSFET
N-Channel
LM3400
Rev :
www.leiditech.com
01.06.2018
1/5


Similar Part No. - LM3400

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM3400A LEIDITECH-LM3400A Datasheet
2Mb / 5P
30V N-Channel Enhancement Mode MOSFET
More results

Similar Description - LM3400

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com