Electronic Components Datasheet Search
  English  ▼

X  

LM3404 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3404
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3404 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3404 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3404 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3404 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3404 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3404 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
■ Electrical Characteristics (TJ=25℃ unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Static Parameter
Drain-Source Breakdown Voltage
BVDSS
VGS= 0V, ID=250μA
30
V
Zero Gate Voltage Drain Current
IDSS
VDS=30V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS= ±20V, VDS=0V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS= VGS, ID=250μA
1
1.5
2.2
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=5.6A
21
29
mΩ
VGS= 4.5V, ID=5.0A
27
40
Diode Forward Voltage
VSD
IS=5.6A,VGS=0V
0.8
1.2
V
Maximum Body-Diode Continuous Current
IS
5.6
A
Dynamic Parameters
Input Capacitance
Ciss
VDS=15V,VGS=0V,f=1MHZ
490
pF
Output Capacitance
Coss
92
Reverse Transfer Capacitance
Crss
68
Switching Parameters
Total Gate Charge
Qg
VGS=10V,VDS=15V,ID=5.6A
5.2
nC
Gate Source Charge
Qgs
0.9
Gate Drain Charge
Qgd
1.3
Turn-on Delay Time
tD(on)
VGS=4.5V,VDD=15V, ID=1A,
RGEN=2.8Ω
4.5
ns
Turn-on Rise Time
tr
2.5
Turn-off Delay Time
tD(off)
14.5
Turn-off Fall Time
tf
3.5
A.
Pulse Test: Pulse Width≤300us,Duty cycle ≤2%.
B.
Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch.
LM3404
Rev :
www.leiditech.com
01.06.2018
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com