Electronic Components Datasheet Search
  English  ▼

X  

LM3414 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3414
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3414 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3414 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3414 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3414 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-23 場效應晶體管(SOT-23 Field Effect Transistors)
N-Channel Enhancement-Mode MOS FETs
N 沟道增强型 MOS 场效应管
■
MAXIMUM RATINGS 最大額定值
Characteristic
特性參數
Symbol
符號
Max
最大值
Unit
單位
Drain-Source Voltage
漏極-源極電壓
BVDSS
20
V
Gate- Source Voltage
栅極-源極電壓
VGS
+8
V
Drain Current (continuous)
漏極電流-連續
ID
4.2
A
Drain Current (pulsed)
漏極電流-脉冲
IDM
16
A
Total Device Dissipation
總耗散功率
TA
=25℃環境溫度爲 25℃
PD
1200
mW
Junction
結溫
TJ
150
℃
Storage Temperature
儲存溫度
Tstg
-55to+150
℃
Enhancement Mode Power MOSFET
LM3414
N-Channel
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - LM3414

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI-LM3414 Datasheet
1Mb / 25P
1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
National Semiconductor ...
LM3414HV NSC-LM3414HV Datasheet
401Kb / 20P
1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
LM3414HV NSC-LM3414HV Datasheet
2Mb / 12P
1A 65V LED Driver Evaluation Board Switching frequency: 500 kHz
More results

Similar Description - LM3414

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com