Electronic Components Datasheet Search
  English  ▼

X  

IXFH68N20 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFH68N20
Description  HIPERFET POWER MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH68N20 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFH68N20 Datasheet HTML 1Page - IXYS Corporation IXFH68N20 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592 4,881,106
5,017,508
5,049,961 5,187,117 5,486,715
4,850,072 4,931,844
5,034,796
5,063,307 5,237,481 5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
Symbol
TestConditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.Max.
g
fs
V
DS = 10 V; ID = 0.5 ID25, pulse test
35
45
S
C
iss
5400
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1160
pF
C
rss
560
pF
t
d(on)
40
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
55
ns
t
d(off)
R
G = 2 W (External)
120
ns
t
f
26
ns
Q
g(on)
280
nC
Q
gs
V
GS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
39
nC
Q
gd
135
nC
R
thJC
0.35
K/W
R
thCK
(TO-247 Package)
0.25
K/W
IXFH68N20 & IXFH74N80 characteristic curves can be found in the IXFK72N20/
IXFK80N20 data sheet.
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
TestConditions
Min.
Typ. Max.
I
S
V
GS = 0 V
68N20
68
A
74N20
74
A
I
SM
Repetitive;
68N20
272
A
pulse width limited by T
JM
74N20
296
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t £ 300 ms, duty cycle d £ 2 %
t
rr
200
ns
Q
RM
0.85
mC
8A
I
RM
I
F = 25A
-di/dt = 100 A/ms,
V
R = 100 V
TO-247 AD (IXFH) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
ÆP
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
Terminals:
1 - Gate
2 - Drain
3 - Source
Tab - Drain
1
2
3
TO-268 Outline
IXFH 68N20 IXFH 74N20
IXFT 68N20 IXFT 74N20
Min Recommended Footprint



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com