Electronic Components Datasheet Search
  English  ▼

X  

2CL704 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # 2CL704
Description  Fast Recover High Voltage Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2CL704 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  2CL704 Datasheet HTML 1Page - First Silicon Co., Ltd 2CL704 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
● Diffused-junction
MIN
MAX
MIN
MAX
A
1.024
---
26
---
B
0.248
0.264
6.3
6.7
C
0.019
0.021
0.47
0.53
D
0.091
0.106
2.3
2.7
Maximum Ratings and Thermal Characteristics (TA=25℃ unless otherwise noted)
Electrical Characteristics (TA=25℃ unless otherwise noted)
●
For high resolution displays or TV receivers and Working
automation equipment
● Excellen
t high temperation output characteristics
(Small leakage curren
t at high temperature and
excellen
t reverse characterics)
HV 2.5X6.5,
Ф0.5
MM
INCHES
DIM
B
D
C
A
A
Cathode Mark
PARAMETER
Symbol
2CL704
Unit
Forward Voltage Drop
IF =10mA
VF
15
V
Normal Temperature Reverse Current
VR=VRRM
IRM1
2
μA
High Temperature Reverse Curren
t
TA=100℃ VR=VRRM
IRM2
5
μA
Reverse Recovery Time
IF =2mA,Irp=4mA 1mA recovery
trr
100
nS
PARAMETER
Symbol
2CL704
Unit
Repetitive Peak Reverse Voltage
VRRM
4
KV
Average
Forward Current
IF(AV)
5
(50H
Z half-sine wave,Resistance load Ta=25℃)
mA
Non-Repetitive
Forward Surge Current
IFSM
0.5
(50H
Z half-sine wave,1/2 cycle, Ta = 25 ℃)
A
Ambien
t Temperature
Tamb
-40 --- +100
℃
Maximum Junction Temperature
T(J)
120
℃
Storage Temperature
Tstg
-40 --- +120
℃
Fast Recover High Voltage Rectifier
SEMICONDUCTOR
TECHNICAL DATA
2CL704
2019. 11. 22
1/2
Revision No : 0


Similar Part No. - 2CL704

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
2CL704 SIPOWER-2CL704 Datasheet
66Kb / 2P
Fast Recovery High Voltage Diodes
logo
Shanghai Leiditech Elec...
2CL704 LEIDITECH-2CL704 Datasheet
298Kb / 2P
Plastic Fast Recover High Voltage Rectifier
logo
DONGGUAN YOU FENG WEI E...
2CL704 YFWDIODE-2CL704 Datasheet
352Kb / 2P
Fast recovery high voltage diodes
More results

Similar Description - 2CL704

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
BY296 MIC-BY296 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR151 MIC-FR151 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
FAST RECOVER RECTIFIER
BY296 PFS-BY296 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR601 PFS-FR601 Datasheet
163Kb / 2P
FAST RECOVER RECTIFIER
logo
Rugao Dachang Electroni...
2CL70A DACHANG-2CL70A Datasheet
117Kb / 2P
Plastic Fast Recover High Voltage Rectifier
logo
First Silicon Co., Ltd
2CL71A FS-2CL71A Datasheet
218Kb / 2P
Plastic Fast Recover High Voltage Rectifier
logo
Shanghai Leiditech Elec...
2CL71A LEIDITECH-2CL71A Datasheet
306Kb / 2P
Plastic Fast Recover High Voltage Rectifier
2CL704 LEIDITECH-2CL704 Datasheet
298Kb / 2P
Plastic Fast Recover High Voltage Rectifier
logo
First Silicon Co., Ltd
2CL70A FS-2CL70A Datasheet
319Kb / 2P
Fast Recover High Voltage Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com