Electronic Components Datasheet Search
  English  ▼

X  

BAT54WT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BAT54WT
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BAT54WT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BAT54WT Datasheet HTML 1Page - First Silicon Co., Ltd BAT54WT Datasheet HTML 2Page - First Silicon Co., Ltd BAT54WT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diode
Features
●Epoxy meets UL-94 V-0 flammability rating
●Moisture Sensitivity Level 1
●Low Forward Voltage
●Surface Mount device
Mechanical Data
● Package: SOT-323
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Marking
■Maximum Ratings(T =25℃ Unless otherwise specified)
a
Item
Symbol
Unit
Value
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
s
u
o
u
n
i
t
n
o
C
R
0
3
V
I
t
n
e
r
r
u
C
s
u
o
u
n
i
t
n
o
C
d
r
a
w
r
o
F
F
0
0
2
A
m
Non-Repetitive Peak Forward Surge Current @ t<1s
IFSM
6
.
0
A
Total Power Dissipation @ TA=25℃
PD
0
0
2
W
m
Thermal Resistance, Junction to Ambient
RthJA
℃/W
500
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
n
o
i
t
a
r
e
p
O
J
℃
-55 to +125
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
℃
-55 to +125
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
BAT54WT
F2
Approximate 0.005
3000
30000
120000
7” reel
BAT54AWT
F2
Approximate 0.005
3000
30000
120000
7” reel
BAT54CWT
F2
Approximate 0.005
3000
30000
120000
7” reel
BAT54SWT
F2
Approximate 0.005
3000
30000
120000
7” reel
BAT54WT
KL5
BAT54AWT
KL6
BAT54CWT
KL7
BAT54SWT
KL8
SEMICONDUCTOR
TECHNICAL DATA
BAT54WT / BAT54AWT
2021. 02. 18
1/3
Revision No : 0
BAT54CWT / BAT54SWT


Similar Part No. - BAT54WT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54WT DIODES-BAT54WT Datasheet
99Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31396 Rev. 3 - 2
logo
Micro Commercial Compon...
BAT54WT MCC-BAT54WT Datasheet
214Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WT MCC-BAT54WT Datasheet
380Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
logo
Surge Components
BAT54WT SURGE-BAT54WT Datasheet
765Kb / 3P
low forward voltage
logo
Micro Commercial Compon...
BAT54WT MCC-BAT54WT Datasheet
331Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
More results

Similar Description - BAT54WT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com