Electronic Components Datasheet Search
  English  ▼

X  

DA3 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # DA3
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DA3 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  DA3 Datasheet HTML 1Page - M-System Co.,Ltd. DA3 Datasheet HTML 2Page - M-System Co.,Ltd. DA3 Datasheet HTML 3Page - M-System Co.,Ltd. DA3 Datasheet HTML 4Page - M-System Co.,Ltd. DA3 Datasheet HTML 5Page - M-System Co.,Ltd. DA3 Datasheet HTML 6Page - M-System Co.,Ltd. DA3 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: DA3
DA3 SPECIFICATIONS
ES-1395 Rev.14 Page 2/7
https://www.m-system.co.jp/
PL1 (POL) LED: Red LED turns on at negative polarity.
PL2 (LOAD) LED: Red LED turns on at LOAD.
Setting: Via the front key pad
• Display range scaling
• Available number of bits
• Data input logic
• POL input
• LOAD input
• Parity check
For detailed information, refer to the instruction manual.
INPUT SPECIFICATIONS
■ Input Code: Code, logic and scaling are user-selectable.
BCD with polarity (Settable range: -9999 - 9999)
Binary with polarity (Settable range: -7FFF - 7FFF)
Offset binary (Settable range: 0000 - FFFF)
Two’s complement (Settable range: 8000 - 7FFF)
Reflected binary (Settable range: 0000 - FFFF)
Output code, logic, scaling are settable.
■ Available number of bits
Selectable from 8, 10, 12, 14, 16 bits
■ Input Specifications
• TTL Level: TTL level (5 V-CMOS level) or open
collector (sink type), dry contact(detecting voltage: approx.
5 V, saturation voltage: ≤ 1 V, sink current: 1 mA)
Saturation voltage: ≤ 1 V
Sink current: 1 mA
Common: Negative
• 24 V DC: Open collector (source type)
Rated voltage: 24 V DC ±10%, ripple 5 %p-p max.
ON voltage/current: ≥ 18 V / 2.5 mA DC
OFF voltage/current: ≤ 3 V / 0.4 mA DC
Input current: ≤ 3.5 mA @24 V DC
Input resistance: Approx. 7.5 kΩ
Common: Negative
■ POL input (Polarity): Same logic and level as for the
input code; logic user-selectable
■ LOAD input: Same logic and level as for the
input code; logic user-selectable
■ Odd or even parity: Same logic and level as for the
input code; logic user-selectable
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Operational range: 0 – 24.0 mA DC
Minimum increment: 0.1 mA
■ DC Voltage
Code V1: -1.00 – +1.00 V DC
Operational range: -1.15 – +1.15 V DC
Minimum increment: 10 mV
Code V2: -10.0 – +10.0 V DC
Operational range: -11.5 – +11.5 V DC
Minimum increment: 100 mV
INSTALLATION
Power consumption
•AC: Approx. 10 VA
•DC: Approx. 4 W (160 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of max. span
Accuracy: ±0.1 %
Min. span required to ensure the accuracy: 20 % of the
nominal output range
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Resolution: 16 bits
Response time: ≤ 400 msec. or ≤ 10 msec. (0 – 90 %)
as specified by model suffix code, with ITEM 16 set to 0.0.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com