Electronic Components Datasheet Search
  English  ▼

X  

BS16 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # BS16
Description  INSTALLATION BASE (16 positions)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

BS16 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  BS16 Datasheet HTML 1Page - M-System Co.,Ltd. BS16 Datasheet HTML 2Page - M-System Co.,Ltd. BS16 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: BS-16
BS-16 SPECIFICATIONS
ES-3435 Rev.9 Page 3/3
http://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm (inch)
465 (18.31)
4–M5 SCREW
I/O CONNECTOR PIN ASSIGNMENT
BS-16H1 (Fujitsu FCN type connector)
BS-16H2 (Fujitsu FCN type connector)
XMTR OUTPUT
CN1
XMTR OUTPUT
CN2
A SIDE B SIDE
A SIDE B SIDE
(+)
(–)
(+)
(–)
No. 1
ch. 1
1
1
No. 9
ch. 1
1
1
ch. 2
2
2
ch. 2
2
2
No. 2
ch. 1
3
3
No. 10
ch. 1
3
3
ch. 2
4
4
ch. 2
4
4
No. 3
ch. 1
5
5
No. 11
ch. 1
5
5
ch. 2
6
6
ch. 2
6
6
No. 4
ch. 1
7
7
No. 12
ch. 1
7
7
ch. 2
8
8
ch. 2
8
8
No. 5
ch. 1
9
9
No. 13
ch. 1
9
9
ch. 2
10
10
ch. 2
10
10
No. 6
ch. 1
11
11
No. 14
ch. 1
11
11
ch. 2
12
12
ch. 2
12
12
No. 7
ch. 1
13
13
No. 15
ch. 1
13
13
ch. 2
14
14
ch. 2
14
14
No. 8
ch. 1
15
15
No. 16
ch. 1
15
15
ch. 2
16
16
ch. 2
16
16
UNUSED
17
17
UNUSED
17
17
8
1
8
1
8
1
8
1
9
1
9
1
9
1
9
1
0
2
0
2
0
2
0
2
XMTR INPUT
CN1
XMTR OUTPUT
CN2
A SIDE B SIDE
A SIDE B SIDE
(+)
(–)
(+)
(–)
No. 1
input
1
1
No. 1
output
1
1
No. 2
input
2
2
No. 2
output
2
2
No. 3
input
3
3
No. 3
output
3
3
No. 4
input
4
4
No. 4
output
4
4
No. 5
input
5
5
No. 5
output
5
5
No. 6
input
6
6
No. 6
output
6
6
No. 7
input
7
7
No. 7
output
7
7
No. 8
input
8
8
No. 8
output
8
8
No. 9
input
9
9
No. 9
output
9
9
No. 10
input
10
10
No. 10
output
10
10
No. 11
input
11
11
No. 11
output
11
11
No. 12
input
12
12
No. 12
output
12
12
No. 13
input
13
13
No. 13
output
13
13
No. 14
input
14
14
No. 14
output
14
14
No. 15
input
15
15
No. 15
output
15
15
No. 16
input
16
16
No. 16
output
16
16
UNUSED
17
17
UNUSED
17
17
8
1
8
1
8
1
8
1
9
1
9
1
9
1
9
1
0
2
0
2
0
2
0
2
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com