Electronic Components Datasheet Search
  English  ▼

X  

AYDV Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # AYDV
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AYDV Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  AYDV Datasheet HTML 1Page - M-System Co.,Ltd. AYDV Datasheet HTML 2Page - M-System Co.,Ltd. AYDV Datasheet HTML 3Page - M-System Co.,Ltd. AYDV Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: AYDV
AYDV SPECIFICATIONS
ES-1615 Rev.6 Page 2/4
http://www.m-system.co.jp/
Monitor jack diameter: 2 mm (.08")
Hysteresis (deadband): 0.2 ± 0.1 %
Front LEDs: Red lights turn on when the coils are energized.
INPUT SPECIFICATIONS
■ Input 1 (measured signal)
•DC Current: shunt resistor attached to input terminals (0.5
W)
OUTPUT SPECIFICATIONS
■ Relay Contact:
100 V AC @ 1 A (cos ø = 1)
120 V AC @ 1 A (cos ø = 1)
240 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 380 V AC or 125 V DC
Maximum switching power: 120 VA or 30 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 x 107 cycles
For maximum relay life with inductive loads, external
protection is recommended.
–50
0
+50
v
Deviation
(%)
Output 2
Setpoint
v
Output 1
Setpoint
Output 1
(9–10)ON
Output 2
(1–2)ON
(1–3)ON
(9–11)ON
Alarm Trip Operation
Terminal No. in parentheses
Trip Operation in Power Failure
• Output 1: (9 – 10) turn ON with code 1
(9 – 11) turn ON with code 2
• Output 2: (1 – 2) turn ON with code 1
(1 – 3) turn ON with code 2
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 2 VA
• DC: Operational voltage range: rating ±10 %, or 85 – 150
V for 110 V rating (ripple 10 % p-p max.)
approx. 1.3 W (50 mA at 24 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
Setpoint monitor accuracy: ± 0.5 %
Trip point repeatability: ±0.05 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 100 % at 90 % setpoint)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com