Electronic Components Datasheet Search
  English  ▼

X  

CD74HC85ME4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC85ME4
Description  High-Speed CMOS Logic 4-Bit Magnitude Comparator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC85ME4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC85ME4 Datasheet HTML 1Page - Texas Instruments CD74HC85ME4 Datasheet HTML 2Page - Texas Instruments CD74HC85ME4 Datasheet HTML 3Page - Texas Instruments CD74HC85ME4 Datasheet HTML 4Page - Texas Instruments CD74HC85ME4 Datasheet HTML 5Page - Texas Instruments CD74HC85ME4 Datasheet HTML 6Page - Texas Instruments CD74HC85ME4 Datasheet HTML 7Page - Texas Instruments CD74HC85ME4 Datasheet HTML 8Page - Texas Instruments CD74HC85ME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS136E
Features
• Buffered Inputs and Outputs
• Typical Propagation Delay: 13ns (Data to Output at
VCC = 5V, CL = 15pF, TA = 25
oC
• Serial or Parallel Expansion Without External Gating
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC85, CD54HCT85 (CERDIP)
CD74HC85 (PDIP, SOIC, SOP, TSSOP)
CD74HCT85 (PDIP, SOIC)
TOP VIEW
Description
The ’HC85 and ’HCT85 are high speed magnitude
comparators that use silicon-gate CMOS technology to
achieve operating speeds similar to LSTTL with the low
power consumption of standard CMOS integrated circuits.
These 4-bit devices compare two binary, BCD, or other
monotonic codes and present the three possible magnitude
results at the outputs (A > B, A < B, and A = B). The 4-bit
input words are weighted (A0 to A3 and B0 to B3), where A3
and B3 are the most significant bits.
The devices are expandable without external gating, in both
serial and parallel fashion. The upper part of the truth table
indicates operation using a single device or devices in a
serially
expanded
application.
The
parallel
expansion
scheme is described by the last three entries in the truth
table.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
B3
(A < B) IN
(A = B) IN
(A > B) IN
(A > B) OUT
(A = B) OUT
GND
(A < B) OUT
VCC
B2
A2
A1
B1
A0
B0
A3
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC85F3A
-55 to 125
16 Ld CERDIP
CD54HCT85F3A
-55 to 125
16 Ld CERDIP
CD74HC85E
-55 to 125
16 Ld PDIP
CD74HC85M
-55 to 125
16 Ld SOIC
CD74HC85MT
-55 to 125
16 Ld SOIC
CD74HC85M96
-55 to 125
16 Ld SOIC
CD74HC85NSR
-55 to 125
16 Ld SOP
CD74HC85PW
-55 to 125
16 Ld TSSOP
CD74HC85PWR
-55 to 125
16 Ld TSSOP
CD74HC85PWT
-55 to 125
16 Ld TSSOP
CD74HCT85E
-55 to 125
16 Ld PDIP
CD74HCT85M
-55 to 125
16 Ld SOIC
CD74HCT85MT
-55 to 125
16 Ld SOIC
CD74HCT85M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
August 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC85, CD74HC85,
CD54HCT85, CD74HCT85
High-Speed CMOS Logic
4-Bit Magnitude Comparator
[ /Title
(CD74
HC85,
CD74
HCT85
)
/Sub-
ject
(High
Speed
CMOS
Logic
4-Bit
Magni-
tude
Com-
para-


Similar Part No. - CD74HC85ME4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC85ME4 TI-CD74HC85ME4 Datasheet
498Kb / 17P
High-Speed CMOS Logic 4-Bit Magnitude Comparator
CD74HC85ME4 TI-CD74HC85ME4 Datasheet
638Kb / 18P
High-Speed CMOS Logic 4-Bit Magnitude Comparator
More results

Similar Description - CD74HC85ME4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD74HC688 TI-CD74HC688 Datasheet
44Kb / 7P
High Speed CMOS Logic 8-Bit Magnitude Comparator
CD74HC85 TI-CD74HC85 Datasheet
47Kb / 8P
High Speed CMOS Logic 4-Bit Magnitude Comparator
CD54HCT688 TI-CD54HCT688 Datasheet
359Kb / 14P
High-Speed CMOS Logic 8-Bit Magnitude Comparator
CD54HC688 TI-CD54HC688_07 Datasheet
414Kb / 17P
High-Speed CMOS Logic 8-Bit Magnitude Comparator
CD54HC85 TI-CD54HC85_07 Datasheet
498Kb / 17P
High-Speed CMOS Logic 4-Bit Magnitude Comparator
CD54HC688 TI-CD54HC688_08 Datasheet
481Kb / 15P
High-Speed CMOS Logic 8-Bit Magnitude Comparator
CD54HC85 TI-CD54HC85_08 Datasheet
638Kb / 18P
High-Speed CMOS Logic 4-Bit Magnitude Comparator
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
CMOS 4-BIT MAGNITUDE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com