Electronic Components Datasheet Search
  English  ▼

X  

3213413 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 3213413
Description  COMBI receptacle - PPC 1,5/S-NS/5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3213413 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 3213413 Datasheet HTML 8Page - PHOENIX CONTACT 3213413 Datasheet HTML 9Page - PHOENIX CONTACT 3213413 Datasheet HTML 10Page - PHOENIX CONTACT 3213413 Datasheet HTML 11Page - PHOENIX CONTACT 3213413 Datasheet HTML 12Page - PHOENIX CONTACT 3213413 Datasheet HTML 13Page - PHOENIX CONTACT 3213413 Datasheet HTML 14Page - PHOENIX CONTACT 3213413 Datasheet HTML 15Page - PHOENIX CONTACT 3213413 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
https://www.phoenixcontact.com/us/products/3213413
09/02/2016   Page 13 / 16
COMBI receptacle - PPC 1,5/S-NS/5 - 3213413
Accessories
Plug - PP-H 1,5/S/11 - 3212604
Plug, Connection method: Push-in connection, Number of positions: 11, Cross section: 0.14 mm² - 1.5 mm²,
AWG: 26 - 14, Width: 38.5 mm, Height: 31.3 mm, Color: gray
 
 
Plug - PP-H 1,5/S/12 - 3212617
Plug, Connection method: Push-in connection, Number of positions: 12, Cross section: 0.14 mm² - 1.5 mm²,
AWG: 26 - 14, Width: 42 mm, Height: 31.3 mm, Color: gray
 
 
Plug - PP-H 1,5/S/13 - 3212620
Plug, Connection method: Push-in connection, Number of positions: 13, Cross section: 0.14 mm² - 1.5 mm²,
AWG: 26 - 14, Width: 45.5 mm, Height: 31.3 mm, Color: gray
 
 
Plug - PP-H 1,5/S/14 - 3212633
Plug, Connection method: Push-in connection, Number of positions: 14, Cross section: 0.14 mm² - 1.5 mm²,
AWG: 26 - 14, Width: 49 mm, Height: 31.3 mm, Color: gray
 
 
Plug - PP-H 1,5/S/15 - 3212646
Plug, Connection method: Push-in connection, Number of positions: 15, Cross section: 0.14 mm² - 1.5 mm²,
AWG: 26 - 14, Width: 52.5 mm, Height: 31.3 mm, Color: gray
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com