Electronic Components Datasheet Search
  English  ▼

X  

30DBW4 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 30DBW4
Description  30W - Single Output - Wide Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

30DBW4 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  30DBW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 30DBW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 30DBW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 30DBW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 4
30DBW4 – Rev. 2020-1.2
Specifications subject to change without notice.
30DBW4 Series
30W - Single Output - Wide Input - Isolated & Regulated
DIP DC-DC Converter
EMC recommended circuit PCB layout
Note:
Note: the min. distance of the bonding pads between input & output
isolation capacitors (CY1/CY2) shall be ≥ 2mm.
Mechanical dimensions (no heatsink)
Recommended footprint
Mechanical dimensions (with heatsink)
Note:
Unit: mm[inch]
General tolerances: ±0.50mm [
±0.020inch]
If use heatsinks, make sure there is enough space
for a specific size in the above graph.
Note:
Unit: mm[inch]
Pin diameter tolerances: ±0.10mm [
±0.004inch]
General tolerances: ±0.25mm [
±0.010inch]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com