Electronic Components Datasheet Search
  English  ▼

X  

LP25151T5 Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP25151T5
Description  Input Voltage Range: 2.5V to 5.5V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP25151T5 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LP25151T5 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LP25151T5 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LP25151T5 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LP25151T5 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LP25151T5 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LP25151T5 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Application Circuits
1uF
IN
GND
EN
OUT
ON
C2
Power Supply
2.5V to 5.5V
1uF
OFF
Load
C1
FLT
Note: Tantalum or Aluminum Electrolytic capacitors (C1 and C2) may be required for USB applications
LP25151T5
Rev :
www.leiditech.com
5/6
01.06.2015



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com