Electronic Components Datasheet Search
  English  ▼

X  

40DAWE Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 40DAWE
Description  40W - Single Output - Wide Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

40DAWE Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  40DAWE Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 40DAWE Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 40DAWE Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 40DAWE Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 40DAWE Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 5
40DAWE_1.5 – Rev. 2020-1.2
Specifications subject to change without notice.
40DAWE_1.5 series
40W - Single Output - Wide Input - Isolated & Regulated
DC-DC Converter
Mechanical dimensions
Application of Trim and calculation of trim resistance
Note:
Unit: mm[inch]
General tolerances: ±0.5mm [
±0.020inch]
It is not allowed to connect modules output in parallel to enlarge the power.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com