Electronic Components Datasheet Search
  English  ▼

X  

DTC115TM Datasheet(PDF) 2 Page - Rohm

Part # DTC115TM
Description  Digital transistors (built in resistor)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC115TM Datasheet(HTML) 2 Page - Rohm

  DTC115TM Datasheet HTML 1Page - Rohm DTC115TM Datasheet HTML 2Page - Rohm DTC115TM Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTC115TM / DTC115TE / DTC115TUA /
Transistors
DTC115TKA / DTC115TSA
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Pc
Tj
Tstg
Limits
50
50
5
100
200
150
300
DTC115TUA / DTC115TKA
DTC115TM / DTC115TE
DTC115TSA
150
−55~+150
Unit
V
V
V
mA
mW
˚C
˚C
Collector power
dissipation
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
VCBO
VCEO
VEBO
IC
!
!
!
!
Packaging, marking, and packaging specifications
Part No.
DTC115TM
VMT3
09
T2L
8000
DTC115TUA
UMT3
09
T106
3000
DTC115TE
EMT3
09
TL
3000
DTC115TKA
SMT3
09
T146
3000
DTC115TSA
SPT
-
TP
5000
Package
Marking
Packaging code
Basic ordering unit (pieces)
!
!
!
!
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
50
50
5
-
-
-
100
-
70
-
-
-
-
-
-
250
250
100
-
-
-
0.5
0.5
0.3
600
-
130
V
V
V
µA
µA
V
-
MHz
k
Ω
IC=50
µA
IC
=1mA
IE
=50
µA
VCB
=50V
VEB
=4V
IC/IB
=1mA/0.1mA
IC
=1mA, VCE=5V
VCE
=10V, IE=
−5mA, f=100MHz
∗
-
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current
transfer ratio
Transition frequency
Input resistance
∗ Transition frequency of the device.
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
R1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com