Electronic Components Datasheet Search
  English  ▼

X  

100QBR Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 100QBR
Description  50W/75W/100W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

100QBR Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  100QBR Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 100QBR Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 100QBR Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 100QBR Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 100QBR Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG 100QBR Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 6
50-75-100QBR75_3 – Rev. 2017-1.5
Specifications subject to change without notice.
50W/75W/100W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
50-75-100QBR75_3 Series
Sense of application and precautions
Design reference
Figure 2
1. When Remote Sense is not used
1. Ripple & noise
All the 100QBR_24S3 series have been tested according to the following recommended test circuit before leaving the factory.
2. Typical application
If don’t use our company’s EMC models, please make sure the input of at least 33uF electrolytic capacitor in parallel to suppress the
input terminal may produce surge voltage.
If it is required to further reduce input and output ripple, properly increase the input & output of additional capacitors Cin and Cout
or select capacitors of low equivalent impedance provided that the capacitance is no larger than the max. capacitive load of the
product.
2. When Remote Sense is not used



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com