Electronic Components Datasheet Search
  English  ▼

X  

60DAW4 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 60DAW4
Description  60W - Single/Dual Output - Wide Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

60DAW4 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  60DAW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 60DAW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 60DAW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 60DAW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 60DAW4 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 5
60DAW4_1.6 – Rev. 2017-1.0
Specifications subject to change without notice.
60DAW4_1.6 Series
60W - Single/Dual Output - Wide Input - Isolated & Regulated
DIP DC-DC Converter
Mechanical dimensions
Efficiency
Note:
Unit: mm[inch]
Pin diameter: 1.0 ±0.05mm [0.04
±0.002inch]
Pin pitch and length tolerance: ±0.35mm [
±0.014inch]
Case tolerance: ±0.5mm [
±0.02inch]
Stand-off tolerance: ±0.1mm [
±0.004inch]
PIN connections
PIN
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
CTRL
CTRL
4
+Vout
+Vout
5
-Vout
Com
6
Trim
-Vout
Without heatsink
60DAW4_2405S1.6
60DAW4_4812S1.6
60DAW4_2412D1.6
60DAW4_4815D1.6
External output trimming
Output can be externally trimmed by using the method as
below (single output models only)
Top view



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com