Electronic Components Datasheet Search
  English  ▼

X  

SB5100L Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SB5100L
Description  5A LOW VF SCHOTTKY BARRIER RECTIFIERR everse Voltage 100 Volts Forward Current 5.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SB5100L Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SB5100L Datasheet HTML 1Page - First Silicon Co., Ltd SB5100L Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
●
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
●
Metal silicon junction, majority carrier conduction
●
Low power loss, high efficiency
●
High current capability, low forward voltage drop
●
High surge capability
●
Guardring for overvoltage protection
●
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection application
●
High temperature soldering guaranteed:
25℃/10 seconds, 0.375
″(9.5mm) lead length,
5 lbs.(2.3Kg) tension
Mechanical Data
●
Case: DO-201AD molded plastic body
●
Terminals: Plated axial leads, solderable per
MIL-STD-750, method 2026
●
Polarity: Color band denotes cathode end
●
Mounting Position: Any
●
Weight: 0.037 ounce, 1.05 grams (approximate)
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
SB5100L
UNITS
Maximum repeti ive peak reverse voltage
V RR
100
V
Maximum RMS voltage
V RMS
70
V
Maximum DC blocking voltage
V C
100
V
Average Rectified Output Current
0.375″ (9.5mm) lead length (see Fig. 1)
I o
5.0
A
Peak forward surge current,
10 mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method) at rated TL
I FSM
80
A
Maximum instantaneous forward voltage at 5.0A
V F
0.68
V
Maximum DC reverse current
@ TJ = 25℃
at rated DC blocking voltage
@ TJ = 100℃
I R
0.5
25.0
mA
Typical thermal resistance
R
θJA
R
θJL
25.0
8.0
℃/W
Operating junction temperature range
T J
-65 to +125
℃
Storage temperature range
T STG
-65 to +150
℃
DIM
Inches
mm
Min.
Max.
Min.
Max.
A
0.350
0.354
8.88
8.98
B
0.202
0.206
5.13
5.23
C
0.047
0.051
1.19
1.29
D
0.980
1.028
24 9
26.1
C
D
D
A
B
DO-201AD
5A LOW VF SCHOTTKY BARRIER RECTIFIER
Reverse Voltage 100 Volts Forward Current 5.0 Amperes
SEMICONDUCTOR
TECHNICAL DATA
SB5100L
2021. 02. 16
1/2
Revision No : 0


Similar Part No. - SB5100L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB5100L PANJIT-SB5100L Datasheet
65Kb / 4P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Jiangsu High diode Semi...
SB5100L HDSEMI-SB5100L Datasheet
2Mb / 4P
DO-27 Plastic-Encapsulate Diodes
logo
Shenzhen Yixinwei Techn...
SB5100L YIXIN-SB5100L Datasheet
198Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Huixin Electr...
SB5100L HUIXIN-SB5100L Datasheet
80Kb / 2P
5.0Amp Schottky Barrier Rectifiers
logo
Unisonic Technologies
SB5100L-SMA-R UTC-SB5100L-SMA-R Datasheet
127Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB5100L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB520 PANJIT-SB520 Datasheet
57Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Shenzhen Luguang Electr...
MURS540 LUGUANG-MURS540 Datasheet
1Mb / 2P
Reverse Voltage - 400 Volts Forward Current - 5.0 Amperes
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520_15 Datasheet
176Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 5.0 Amperes
logo
Bytesonic Electronics C...
MBR30L45CT BYTESONIC-MBR30L45CT Datasheet
932Kb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS VOLTAGE 45 Volts CURRENT 30.0 Amperes
Version 1.1 2018/9/10
logo
First Silicon Co., Ltd
MBRFH3045CT FS-MBRFH3045CT Datasheet
436Kb / 3P
Schottky Barrier Rectifier (Low VF) Reverse Voltage 45 Volts Forward Current 30 Amperes
SB540L FS-SB540L Datasheet
510Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 40 Volts Forward Current 5.0 Amperes
SS545L FS-SS545L Datasheet
466Kb / 2P
5A Low VF SCHOTTKY BARRIER RECTIFIER Reverse Voltage 45 Volts Forward Current 5.0 Amperes
SM5150AF FS-SM5150AF Datasheet
215Kb / 3P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
SS560L FS-SS560L Datasheet
327Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 60 Volts Forward Current 5.0 Amperes
SB545L FS-SB545L Datasheet
446Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 45 Volts Forward Current 5.0 Amperes
2022 02 03 Revision No : 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com