Electronic Components Datasheet Search
  English  ▼

X  

IMT4 Datasheet(PDF) 1 Page - Rohm

Part # IMT4
Description  General purpose (dual transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMT4 Datasheet(HTML) 1 Page - Rohm

  IMT4 Datasheet HTML 1Page - Rohm IMT4 Datasheet HTML 2Page - Rohm IMT4 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IMT4
Transistors
Rev.A
1/2
General purpose (dual transistors)
IMT4
Features
1) Two 2SA1514K chips in an AMT package.
2) High breakdown voltage.
Package, marking, and Packaging specifications
IMT4
SMT6
T4
T108
3000
Part No.
Package
Marking
Code
Basic ordering unit (pieces)
External dimensions (Unit : mm)
IMT4
ROHM : SMT6
EIAJ : SC-74
JEDEC : SOT-457
Each lead has same dimensions
0.3Min.
2.8
1.6
Equivalent circuit
IMT4
(4)
Tr2
Tr1
(5)
(6)
(3)
(2)
(1)
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Pc
Tj
Tstg
Limits
−120
−120
−5
−50
300 (TOTAL)
150
−55 to +150
Unit
V
V
V
mA
mW
∗
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Storage temperature
∗200mW per element must not be exceeded.
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
−120
−120
−5
−
−
−
−
−
−
−
−
−
−
−
−
−0.5
−0.5
−0.5
V
V
V
µA
µA
V
IC
=
−50µA
IC
=
−1mA
IE
=
−50µA
VCB
=
−100V
VEB
=
−4V
IC/IB
=
−10mA/−1mA
hFE
180
−
820
−
VCE
=
−6V, IC−2mA
Transition frequency
fT
−
140
−
MHz
∗
VCE
=
−12V, IE=2mA, f=100MHz
∗Transition frequency of the device.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage


Similar Part No. - IMT4

ManufacturerPart #DatasheetDescription
logo
Rohm
IMT4 ROHM-IMT4 Datasheet
54Kb / 1P
General purpose (dual transistors)
logo
Diodes Incorporated
IMT4 DIODES-IMT4 Datasheet
78Kb / 3P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 2 - 2
IMT4 DIODES-IMT4 Datasheet
455Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
logo
Rohm
IMT4 ROHM-IMT4 Datasheet
59Kb / 3P
General purpose (dual transistors)
logo
Diodes Incorporated
IMT4-7-F DIODES-IMT4-7-F Datasheet
455Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
More results

Similar Description - IMT4

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
General purpose transistors (dual transistors)
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
General purpose transistors (dual transistors)
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
General purpose transistors (dual transistors)
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
General purpose transistors (dual transistors)
logo
Rohm
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
General purpose transistors(dual transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com