Electronic Components Datasheet Search
  English  ▼

X  

IMX8 Datasheet(PDF) 2 Page - Rohm

Part # IMX8
Description  General purpose (dual transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMX8 Datasheet(HTML) 2 Page - Rohm

  IMX8 Datasheet HTML 1Page - Rohm IMX8 Datasheet HTML 2Page - Rohm IMX8 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IMX8
Transistors
Rev.A
2/2
Electrical characteristics
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.1 Ground emitter output characteristics
2
4
6
8
10
4
8
12
16
20
0
IB
=0µA
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
Ta
=25°C
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2 Ground emitter propagation characteristics
0
0.1
0.2
0.5
1
2
5
10
20
50
0.2
0.6
0.4
0.8
1.0 1.2 1.4
1.6
Ta
=25°C
VCE
=6V
COLLECTOR CURRENT : IC
(mA)
Fig.3 DC current gain vs. collector current
0.2
0.5
12
5
10
20
50
50
100
200
500
Ta
=25
°C
VCE
=1V
3
V
5
V
Fig.7 Collector output capacitance
vs. collector-base voltage
−0.5
1
2
5
10
20
2
1
5
10
20
Ta
=25°C
f
=1MHz
IE
=0A
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE : VEB
(V)
Fig.8 Emitter input capacitance
vs. emitter-base voltage
−0.5
1
2
5
10
20
2
1
5
10
20
Ta
=25°C
f
=1MHz
IC
=0A
COLLECTOR CURRENT : IC
(mA)
Fig.5 Collector-emitter saturation voltage
vs. collector current (
)
12
5
10
20
50
0.02
0.05
0.1
0.2
0.5
Ta
=100°C
25
°C
−40°C
IC/IB
=10
COLLECTOR CURRENT : IE
(mA)
Fig.6 Gain bandwidth product vs. emitter current
−0.5 −1
−2
−5
−10 −20
−50
100
200
500
50
VCE
=6V
Ta
=25°C
COLLECTOR CURRENT : IC
(mA)
Fig.4 Collector-emitter saturation voltage
vs. collector current ( )
12
5
10
20
50
0.02
0.05
0.1
0.2
0.5
Ta
=25°C
IC/IB
=50
10
20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com