Electronic Components Datasheet Search
  English  ▼

X  

9600G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 9600G
Description  95 W/Port Gigabit Midspan Family for High Power Terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

9600G Datasheet(HTML) 1 Page - Microsemi Corporation

  9600G Datasheet HTML 1Page - Microsemi Corporation 9600G Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9600G PoH/PoE
95 W/Port Gigabit Midspan Family for High Power Terminals
• High Power over 4-pairs – 95 W per port
• PoH Compliant with 3-event classification
• PowerView Pro secure, remote SNMPv3 web-based
management
• Supports both IPv4 and IPv6 addressing
• Plug-and-play installation
• Guaranteed uptime
The Microsemi 9600G family is designed to power network
devices such as IP cameras, access control systems, thin clients
and other Ethernet powered devices (PD) that require up to 72W,
it also targeting emerging devices that use high power over
Ethernet infrastructure such as digital signage and monitors.
PD-9600G Energy Efficient PoE Midspans are PoH compliant
(Power Over HDBaseT), they are unique in their ability to
deliver power over all 4 pairs of the Cat 5E or better cable,
they are also backwards compatible to 802.3af and 802.3at,
including 4-pairs 802.3at. With the midspan’s plug-and-play
installation, they are easily and cost effectively implemented
leveraging an existing Ethernet infrastructure while at the
same time providing the assurance of a future proof network.
Overview
Features
Switch
PTZ Dome Camera
Data
Power
Data & Power
Monitors
Thin Client
UPS
Access Control
Management
Station
PoE Midspan
Feature
Description
No. of Ports
6/12
Pass Through Data
Rates
10/100/1000 Mbps
Output Power
Pin Assignment and Polarity:
Data Pairs 1/2 (-) and 3/6 (+)
Spare Pairs 7/8 (-) and 4/5 (+)
Output Power Voltage: 54-57 Vdc
User Port Power: 95 W guaranteed
Aggregate Power: 1000 W
Input Power
Requirements
1000 W Unit
AC Input Voltage: 100 to 240 Vac
DC Input: 57 V (another 9600G midspan)
AC Input Current:
12A @ 110 Vac; 6A @ 220 Vac
AC Frequency: 50 to 60 Hz
Dimensions
438 mm x 272 mm x 44 mm
17.3 in. x 10.8 in. x 1.75 in or 1U
Weight
14.3 lbs (6.5 kg)
Management
PowerView Pro included
Indicators
System Indicator:
AC Power (Green)
Channel Power Indicators:
Green—Power supplied over data and
spare pairs
Yellow—Power supplied over data or
spare pairs
Connectors
PoE ports and management port:
Shielded RJ-45, EIA 568 A and 568 B
Console Port: USB Connector Type B
DC Connector: DC Block Terminal
Com Connector: HD-D-sub-15
Environmental
Conditions
Operating Ambient Temperature:
32º to 104º F (0 to 40º C)
Operating Humidity:
10% to 90%, Non-condensing
Storage Temperature:
–4º to 158º F (–20º to 70º C)
Storage Humidity:
5% to 95%, Non-condensing
Operating Altitude:
–1000 to 10,000 ft. (–304.8 to 3048 m)
Warranty
Limited lifetime (see Terms and
Conditions)
Regulatory
Compliance
IEEE 802.3af (PoE, PoH Type1)
IEEE 802.3at (PoE+ including 2-event,
PoH Type 2), PoH Twin Type 3, RoHS
Compliant, VCCI, CE, C-Tick
Electromagnetic
Emission & Immunity
FCC Part 15, Class B
EN 55022 Class B (Emissions)
EN 55024 (Immunity), VCCI
Safety Approvals
UL/cUL Per EN 60950-1
GS Mark Per EN 60950-1
Specifications
Figure 1: 9600G PoH/PoE


Similar Part No. - 9600G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9600 ETC2-9600 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Keystone Electronics Co...
9600 KEYSTONE-9600 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Sensata Technologies, I...
9600 SENSATA-9600 Datasheet
411Kb / 2P
Spring Return Linear Position Sensor
logo
APEM
9600 APEM-9600 Datasheet
375Kb / 8P
9000 series
logo
Keystone Electronics Co...
9600 KEYSTONE-9600 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results

Similar Description - 9600G

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE125U-8 PHIHONG-POE125U-8 Datasheet
456Kb / 2P
8 Port Gigabit Power Over Ethernet Midspan
POE125U-8 PHIHONG-POE125U-8_14 Datasheet
86Kb / 2P
8 Port Gigabit Power over Ethernet Midspan
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
PD-9500G MICROSEMI-PD-9500G Datasheet
788Kb / 2P
72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
9601G MICROSEMI-9601G Datasheet
378Kb / 2P
PoH 95 W, Single Port Gigabit Midspan
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
IEEE802.3at Compliant 36W/Port Midspan Family
logo
Microchip Technology
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9506GC MICROCHIP-PD-9506GC Datasheet
549Kb / 2P
60W/Port Gigabit Midspan Family for High-Power Powered Devices
9/19
PD-9606GC MICROCHIP-PD-9606GC Datasheet
528Kb / 2P
90W/Port Gigabit Midspan Family for High-Power Powered Devices
11/20
PD-3504G MICROCHIP-PD-3504G Datasheet
440Kb / 2P
4-port 802.3af Compliant Gigabit Midspan
5/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com