Electronic Components Datasheet Search
  English  ▼

X  

2SD1963 Datasheet(PDF) 1 Page - Rohm

Part # 2SD1963
Description  Power transistor (50V, 3A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1963 Datasheet(HTML) 1 Page - Rohm

  2SD1963 Datasheet HTML 1Page - Rohm 2SD1963 Datasheet HTML 2Page - Rohm 2SD1963 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SD1963
Transistors
Rev.A
1/2
Power transistor (50V, 3A)
2SD1963
Features
External dimensions (Unit : mm)
1) Low saturation voltage, typically
VCE(sat) =
−0.45V (Max.) at IC/IB = −1.5A / −0.15A.
MPT3
(1)Base
(2)Collector
(3)Emitter
1.5
0.4
1.6
0.5
3.0
0.4
0.4
1.5
1.5
(3)
(2)
(1)
4.5
2) Excellent DC current gain characteristics.
3) Complements the 2SB1308.
Absolute maximum ratings (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
∗1 Single pulse, Pw=10ms
∗2 When mounted on a 40×40×0.7mm ceramic board.
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
50
V
V
V
A(DC)
°C
°C
20
6
3
IC
A(Pulse)
5
∗1
∗2
0.5
2.0
W
W
150
−55 to 150
Symbol
Limits
Unit
Electrical characteristics (Ta=25
°C)
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Output capacitance
∗ Measured using pulse current.
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
50
20
6
−
−
180
−
∗
∗
−
−
−
−
−
−
−
−
150
0.25
35
−
−
−
0.5
0.5
560
0.45
−
−
VIC
=50
µA
IC
= 1mA
IE
= 50
µA
VCB
=40V
VEB
=5V
VCE
=2V, IC=0.5A
IC/IB
=1.5A/ 0.15A
VCE
=6V, IE= −50mA, f=100MHz
VCB
=20V, IE=0A, f=1MHz
V
V
µA
µA
−
V
MHz
pF
Typ.
Max.
Unit
Conditions
Transition frequency


Similar Part No. - 2SD1963

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1963 ROHM-2SD1963 Datasheet
61Kb / 3P
Power Transistor (-50V, -3A)
logo
Guangdong Kexin Industr...
2SD1963 KEXIN-2SD1963 Datasheet
50Kb / 1P
Power Transistor
More results

Similar Description - 2SD1963

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
Power Transistor (-50V, -3A)
2SD1760 ROHM-2SD1760 Datasheet
77Kb / 3P
Power Transistor 50V, 3A
2SB1308 ROHM-2SB1308 Datasheet
61Kb / 3P
Power Transistor (-50V, -3A)
2SD1762 ROHM-2SD1762 Datasheet
153Kb / 4P
Power Transistor (50V, 3A)
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
Power Transistor (-50V, -3A)
logo
Rohm
2SD1760 ROHM-2SD1760_09 Datasheet
176Kb / 4P
Power Transistor (50V, 3A)
2SD1864 ROHM-2SD1864 Datasheet
147Kb / 4P
Power Transistor (50V, 3A)
2SD1760TLR ROHM-2SD1760TLR Datasheet
81Kb / 3P
Power Transistor (50V, 3A)
2SA1797T100P ROHM-2SA1797T100P Datasheet
171Kb / 3P
Power Transistor -50V, -3A
logo
Nanjing International G...
2SB1308 DGNJDZ-2SB1308 Datasheet
437Kb / 3P
Power Transistor(-50V,-3A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com