Electronic Components Datasheet Search
  English  ▼

X  

SS29FA Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS29FA
Description  Schottky Barrier Rectifiers, Surface Mount, 2 A, 20 V - 150 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS29FA Datasheet(HTML) 3 Page - ON Semiconductor

  SS29FA Datasheet HTML 1Page - ON Semiconductor SS29FA Datasheet HTML 2Page - ON Semiconductor SS29FA Datasheet HTML 3Page - ON Semiconductor SS29FA Datasheet HTML 4Page - ON Semiconductor SS29FA Datasheet HTML 5Page - ON Semiconductor SS29FA Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS22FA − S215FA
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non−Repetitive Forward
Surge Current
Figure 3. Typical Forward Characteristics
Figure 4. Typical Forward Characteristics
V
F
− FORWARD VOLTAGE (V)
Figure 5. Typical Forward Characteristics
Figure 6. Typical Forward Characteristics
0
0.5
1
1.5
2
2.5
50
LEAD TEMPERATURE (
°C)
SS22
FA − SS23FA
SS25
FA - S215FA
RESISTIVE OR
INDUCTIVE LOAD
60
70
80
90
100 110
120 130
140 150
160
170
0
10
20
30
40
50
1
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine−Wave
10
100
0.01
0.1
1
0.0
SS22FA−SS23FA
T
A
= −55
o
C
T
A
= −40
o
C
T
A
= 125
o
C
TA= 25
o
C
T
A
= 150
o
C
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
F
− FORWARD VOLTAGE (V)
0.01
0.1
1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
SS25FA
T
A
= −55
o
C
T
A
= −40
o
C
T
A
= 125
o
C
TA= 25
o
C
T
A
= 150
o
C
V
F
− FORWARD VOLTAGE (V)
0.01
0.1
1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
S210FA
T
A
= −55
o
C
T
A
= −40
o
C
T
A
= 125
o
C
TA= 25
o
C
T
A
= 150
o
C
V
F
− FORWARD VOLTAGE (V)
0.01
0.1
1
0.0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
S215FA
T
A
= −55
o
C
T
A
= −40
o
C
T
A
= 125
o
C
TA= 25
o
C
T
A
= 150
o
C
0.9 1.0 1.1 1.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com