Electronic Components Datasheet Search
  English  ▼

X  

CY7C1001 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1001
Description  256K x 4 Static RAM with Separate I/O
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1001 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1001 Datasheet HTML 1Page - Cypress Semiconductor CY7C1001 Datasheet HTML 2Page - Cypress Semiconductor CY7C1001 Datasheet HTML 3Page - Cypress Semiconductor CY7C1001 Datasheet HTML 4Page - Cypress Semiconductor CY7C1001 Datasheet HTML 5Page - Cypress Semiconductor CY7C1001 Datasheet HTML 6Page - Cypress Semiconductor CY7C1001 Datasheet HTML 7Page - Cypress Semiconductor CY7C1001 Datasheet HTML 8Page - Cypress Semiconductor CY7C1001 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Selection Guide
7C1001-12
7C1002-12
7C1001-15
7C1002-15
7C1001-20
7C1002-20
7C1001-25
7C1002-25
Maximum Access Time (ns)
12
15
20
25
Maximum Operating Current
Commercial
165
155
140
130
Military
165
150
140
Maximum Standby Current (mA)
Commercial
50
40
30
30
Military
40
30
30
PRELIMINARY
256K x 4 Static RAM
with Separate I/O
CY7C1001
CY7C1002
Logic Block Diagram
Pin Configuration
Features
D
High speed
tAA = 12 ns
D
Transparent write (7C1001)
D
CMOS for optimum speed/power
D
Low active power
910 mW
D
Low standby power
275 mW
D
2.0V data retention (optional)
100 µW
D
Automatic powerdown when
deselected
D
TTL compatible inputs and outputs
Functional Description
The CY7C1001 and CY7C1002 are high
performance CMOS static RAMs orga
nized as 262,144 x 4 bits with separate I/O.
Easy memory expansion is provided by ac
tive LOW chip enable (CE) and three
state drivers. Both devices have an auto
matic powerdown feature, reducing the
power consumption by more than 65%
when deselected.
Writing to the device is accomplished by
taking both chip enable (CE) and write en
able (WE) inputs LOW. Data on the four
input pins (I0throughI3)iswrittenintothe
memory location specified on the address
pins (A0 through A17).
Reading the device is accomplished by tak
ing chip enable (CE) LOW while write en
able (WE) remains HIGH. Under these
conditions, the contents of the memory lo
cation specified ontheaddresspinswillap
pear on the four data output pins (O0
through O3).
The data output pins on the CY7C1001
and the CY7C1002 are placed in a high
impedance state when the device is dese
lected (CE HIGH). The CY7C1002's out
puts are also placed in a highimpedance
state duringawriteoperation(CEandWE
LOW). In a write operation on the
CY7C1001, the output pins will carry the
same data as the inputs after a specified
delay.
The CY7C1001 and CY7C1002 are avail
able in standard 300milwide DIPs and
SOJs.
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
Top View
DIP/SOJ
12
13
29
32
31
30
16
15
17
18
7C1001
C1001-1
NC
A16
A17
A0
A1
A2
A10
A11
A12
A13
A14
A9
I3
I2
VCC
A15
A3
A4
A5
A6
A7
A8
NC
I0
I1
O1
O0
O2
CE
GND
O3
WE
7C1002
512 x 512 x 4
ARRAY
COLUMN
DECODER
POWER
DOWN
INPUT BUFFER
I0
7C1002 ONLY
7C1001 ONLY
A0
C1001-2
I1
I2
I3
O0
O1
O2
O3
CE
WE
A1
A2
A3
A4
A5
A6
A7
A8
Cypress Semiconductor Corporation
D
3901 North First Street
D San Jose D
CA 95134
D 408-943-2600
November 1991 - Revised April 1995


Similar Part No. - CY7C1001

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1006B CYPRESS-CY7C1006B Datasheet
161Kb / 10P
256K x 4 Static RAM
August 24, 2001
CY7C1006B-12VC CYPRESS-CY7C1006B-12VC Datasheet
161Kb / 10P
256K x 4 Static RAM
August 24, 2001
CY7C1006B-15VC CYPRESS-CY7C1006B-15VC Datasheet
161Kb / 10P
256K x 4 Static RAM
August 24, 2001
CY7C1006B-15VI CYPRESS-CY7C1006B-15VI Datasheet
161Kb / 10P
256K x 4 Static RAM
August 24, 2001
CY7C1006B-20VC CYPRESS-CY7C1006B-20VC Datasheet
161Kb / 10P
256K x 4 Static RAM
August 24, 2001
More results

Similar Description - CY7C1001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67Q709A MOTOROLA-MCM67Q709A Datasheet
139Kb / 10P
128K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q909 MOTOROLA-MCM67Q909 Datasheet
139Kb / 10P
512K x 9 Bit Separate I/O Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
256K x 4 Static RAM
August 24, 2001
logo
National Semiconductor ...
MM2101 NSC-MM2101 Datasheet
252Kb / 3P
1024-bit (256 x 4) static MOS RAM with separate I/O
logo
Cypress Semiconductor
CY7C192 CYPRESS-CY7C192 Datasheet
175Kb / 10P
64K x 4 Static RAM with Separate I/O
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
256K x 4 Static RAM
CY7C192 CYPRESS-CY7C192_06 Datasheet
252Kb / 8P
64K x 4 Static RAM with Separate I/O
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
256K x 4 Static RAM
logo
Toshiba Semiconductor
TC554101J-20 TOSHIBA-TC554101J-20 Datasheet
433Kb / 8P
1,048,576 WORD x 4 BIT SEPARATE I/O CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com