Electronic Components Datasheet Search
  English  ▼

X  

LM61089B Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM61089B
Description  Dual programmable transient suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM61089B Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM61089B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM61089B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM61089B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM61089B Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM61089B Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM61089B Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Characteristics
Pulse(μs)
VP
(V)
C1
(µF)
C2
(nF)
L
(µH)
R1
(Ω)
R2
(Ω)
R3
(Ω)
R4
(Ω)
IPP
(A)
RP
(Ω)
Trise
Tfall
10
700
1500
20
200
0
50
15
25
25
30
10
1.2
50
1500
1
33
0
76
13
25
25
30
10
2
10
2500
10
0
1.1
1.3
0
3
3
38
62
PACKAGE MECHANICAL DATA
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.40
1.70
0.055
0.067
A1
0.05
0.15
0.002
0.006
A2
1.35
1.55
0.053
0.061
b
0.31
0.51
0.015
0.017
c
0.17
0.25
0.007
0.010
D
4.70
5.10
0.185
0.200
E
3.88
3.93
0.153
0.155
E1
5.80
6.20
0.228
0.244
e
1.14
1.27
1.40
0.045
0.050
0.055
L
0.62
0.77
0.024
0.030
L1
1.00
1.02
1.04
0.039
0.04
0.048
L1-L1'
0.12
0.005
θ
0°
8°
0°
8°
b
c
D
e
SOP-8
Rev :
www.leiditech.com
01.06.2018
5/6
LM61089B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com