Electronic Components Datasheet Search
  English  ▼

X  

P0640TA Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P0640TA
Description  Bi-directional crowbar transient voltage protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P0640TA Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P0640TA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640TA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640TA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640TA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Solder Reflow Recommendations
●
Recommended reflow methods: IR, vapor
phase oven, hot air oven, wave solder.
●
The device can be exposed to a maximum
temperature of 265°C for 10 seconds.
●
Devices can be cleaned using standard
industry methods and solvents.
Notes: If reflow temperatures exceed the
recommended profile, devices may
not meet the performance requirements.
Product Dimensions
Dime-
nsion
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.098
0.114
2.50
2.90
B
0.188
0.208
4.80
5.28
C
0.055
0.062
1.40
1.60
D
0.157
0.181
4.00
4.60
E
0.030
0.060
0.76
1.52
F
0.078
0.096
2.00
2.44
H
0.080
0.104
2.051
2.643
Summary of Packing Options
Package Type
Description
Packing
Quantity
Industry
Standard
DO-214AC(SMA)
Embossed Carrier
Reel Pack
5000PCS
EIA-481-D
A
C
D
B
H
E
F
.079
(2.0)
.079
(2.0)
0.110
(2.8)
P0640TA
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com