Electronic Components Datasheet Search
  English  ▼

X  

B3574 Datasheet(PDF) 6 Page - EPCOS

Part # B3574
Description  Low Loss Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3574 Datasheet(HTML) 6 Page - EPCOS

  B3574 Datasheet HTML 1Page - EPCOS B3574 Datasheet HTML 2Page - EPCOS B3574 Datasheet HTML 3Page - EPCOS B3574 Datasheet HTML 4Page - EPCOS B3574 Datasheet HTML 5Page - EPCOS B3574 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
May 09, 2001
SAW Components
B3574 (LD25A)
868,30 MHz
Low Loss Filter
Preliminary Data
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW CE AE PD
P.O. Box 80 17 09, D-81617 München
© EPCOS AG 2001. All Rights Reserved.
As far as patents or other rights of third parties are concerned, liability is only assumed for compo-
nents per se, not for applications, processes and circuits implemented within components or
assemblies.
The information describes the type of component and shall not be considered as assured
characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or
the international representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our sales offices.



Html Pages

1 2 3 4 5 6