Electronic Components Datasheet Search
  English  ▼

X  

2SC3982 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3982
Description  Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3982 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3982 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3982 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3982 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SC3982, 2SC3982A
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
s Features
q
High-speed switching
q
High collector to base voltage VCBO
q
Wide area of safe operation (ASO)
q
Satisfactory linearity of foward current transfer ratio hFE
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCES
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
900
1000
900
1000
800
7
15
10
5
150
3.5
150
–55 to +150
Unit
V
V
V
V
A
A
A
W
˚C
˚C
2SC3982
2SC3982A
2SC3982
2SC3982A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 900V, IE = 0
VCB = 1000V, IE = 0
VEB = 7V, IC = 0
IC = 10mA, IB = 0
VCE = 5V, IC = 0.1A
VCE = 5V, IC = 4A
IC = 4A, IB = 0.8A
IC = 4A, IB = 0.8A
VCE = 5V, IC = 1A, f = 1MHz
IC = 4A, IB1 = 0.8A, IB2 = –1.6A,
VCC = 250V
min
800
8
6
typ
15
max
50
50
50
1.5
1.5
0.7
3.0
0.3
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
2SC3982
2SC3982A
Unit: mm
1:Base
2:Collector
3:Emitter
TOP–3L Package
20.0
±0.5
10.9
±0.5
123
2.0
±0.3
3.0
±0.3
1.0
±0.2
5.0
±0.3
3.0
5.45
±0.3
0.6
±0.2
1.5
2.7
±0.3
1.5
φ 3.3±0.2


Similar Part No. - 2SC3982

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3980 PANASONIC-2SC3980 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
logo
Inchange Semiconductor ...
2SC3980 ISC-2SC3980 Datasheet
244Kb / 2P
isc Silicon NPN Power Transistor
logo
Panasonic Semiconductor
2SC3980A PANASONIC-2SC3980A Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
2SC3981 PANASONIC-2SC3981 Datasheet
60Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
logo
Inchange Semiconductor ...
2SC3981 ISC-2SC3981 Datasheet
244Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC3982

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3795 PANASONIC-2SC3795 Datasheet
63Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3970 PANASONIC-2SC3970 Datasheet
60Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3973 PANASONIC-2SC3973 Datasheet
60Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3975 PANASONIC-2SC3975 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4152 PANASONIC-2SC4152 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4985 PANASONIC-2SC4985 Datasheet
40Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5034 PANASONIC-2SC5034 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5063 PANASONIC-2SC5063 Datasheet
62Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5393 PANASONIC-2SC5393 Datasheet
34Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5457 PANASONIC-2SC5457 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com