Electronic Components Datasheet Search
  English  ▼

X  

P0640TA Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P0640TA
Description  Excellent capability of absorbing transient surge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P0640TA Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P0640TA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640TA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640TA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640TA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640TA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃,continued)
Part
Number
IDRM@VDRM
VS
①@I
S
VT@ IT
IH
CO
②
μA
V
V
mA
V
A
mA
pF
max
min
max
max
max
max
min
max
P0080TA
5
6
25
800
4
2.2
20
30
P0220TA
5
15
32
800
4
2.2
20
60
P0300TA
5
25
40
800
4
2.2
50
60
P0640TA
5
58
77
800
4
2.2
120
50
P0720TA
5
65
87
800
4
2.2
120
50
P0900TA
5
75
98
800
4
2.2
120
50
P1100TA
5
90
130
800
4
2.2
120
45
P1300TA
5
120
160
800
4
2.2
120
45
P1500TA
5
140
180
800
4
2.2
120
45
P1800TA
5
170
220
800
4
2.2
120
35
P2300TA
5
190
260
800
4
2.2
120
35
P2600TA
5
220
300
800
4
2.2
120
35
P3100TA
5
275
350
800
4
2.2
120
35
P3500TA
5
320
400
800
4
2.2
120
35
P3800TA
5
340
450
800
4
2.2
120
35
Vs is measured at 100KV/
①
s
② Off-state capacitance is measured in VDC=2V, VRMS=1V, f=1MHz
Surge Ratings
Series
IPP(A)min
2×10us
8×20us
10×360us
10×1000us
A
150
150
70
50
Rev :
www.leiditech.com
01.06.2015
2/5
PxxxxTA Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com