Electronic Components Datasheet Search
  English  ▼

X  

R2KS Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # R2KS
Description  AVALANCHE DIODE(145V, 1.0A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

R2KS Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  R2KS Datasheet HTML 1Page - EIC discrete Semiconductors R2KS Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R2KS
AVALANCHE DIODE
VRM : 145 Volts
IZSM : 1.0 Amp. ( 100
µµs )
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
VALUE
UNIT
Maximum Peak Reverse Voltage
VRM
145
V
Maximum DC Blocking Reverse Voltage
VDC
145
V
Minimum Avalanche Breakdown Voltage at IZ = 1mA
VBR(min)
160
V
Maximum Avalanche Breakdown Voltage at IZ = 1mA
VBR(max)
180
V
Maximum Allowable Avalanche Current (Note 1)
IZSM
1.0
A
Maximum Reverse Current at VRM
Ta = 25
°C
IR
10
µA
Maximum Reverse Current at VRM
Ta = 100
°C
IR(H)
50
µA
Typical Avalanche Voltage Temperature Coefficient at Iz = 1mA
+0.15
V/
°C
Junction Temperature Range
TJ
- 40 to + 130
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes :
(1) Non-Repetitive Current Pulse width 100
µs Square wave, one shot.
Page 1 of 2
Rev. 01 : April 2, 2002
RATING
D2
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - R2KS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
R2KS LUGUANG-R2KS Datasheet
93Kb / 2P
Avalanche Diodes
R2KS LUGUANG-R2KS Datasheet
93Kb / 2P
Avalanche Diodes
logo
EIC discrete Semiconduc...
R2KS EIC-R2KS Datasheet
141Kb / 2P
AVALANCHE DIODE
Rev. 03:February 28, 2014
R2KS EIC-R2KS_V01 Datasheet
141Kb / 2P
AVALANCHE DIODE
Rev. 03:February 28, 2014
More results

Similar Description - R2KS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2481 NSC-LM2481 Datasheet
451Kb / 8P
145V Triple Bias Clamp
logo
Semikron International
SKNA402 SEMIKRON-SKNA402 Datasheet
602Kb / 3P
Avalanche Diode
SKNA202 SEMIKRON-SKNA202 Datasheet
587Kb / 3P
Avalanche Diode
SKNA4 SEMIKRON-SKNA4 Datasheet
328Kb / 3P
Avalanche Diode
SKNA20 SEMIKRON-SKNA20_10 Datasheet
462Kb / 3P
Avalanche Diode
SKNA22 SEMIKRON-SKNA22_08 Datasheet
636Kb / 3P
Avalanche Diode
logo
Dynex Semiconductor
DRA170E44 DYNEX-DRA170E44_15 Datasheet
820Kb / 7P
Avalanche Diode
logo
IXYS Corporation
DSA1 IXYS-DSA1 Datasheet
112Kb / 1P
Avalanche Diode
logo
EIC discrete Semiconduc...
AD600V EIC-AD600V Datasheet
49Kb / 1P
AVALANCHE DIODE
Rev. 02 : March 25, 2005
R2KS EIC-R2KS_V01 Datasheet
141Kb / 2P
AVALANCHE DIODE
Rev. 03:February 28, 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com