Electronic Components Datasheet Search
  English  ▼

X  

JPA2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JPA2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JPA2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JPA2 Datasheet HTML 1Page - M-System Co.,Ltd. JPA2 Datasheet HTML 2Page - M-System Co.,Ltd. JPA2 Datasheet HTML 3Page - M-System Co.,Ltd. JPA2 Datasheet HTML 4Page - M-System Co.,Ltd. JPA2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: JPA2
JPA2 SPECIFICATIONS
ES-1572 Rev.9 Page 2/5
http://www.m-system.co.jp/
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to DC output to alarm output to power
Overrange output: Approx. -15 to +115 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Alarm mode: High or Low
Alarm setpoint: -15 – +115 %
Alarm deadband: 0 – 20 %
Linearization: Max. 16 points
Input monitor LED: Red LED blinks according to the input.
Excitation adjustment: 5 – 24 V DC
Software programming: Programming Unit (model: PU-2x);
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON)
• Input frequency range
• Zero and span
• Low-end cutout
• Linearization
• Alarm setpoint
• Output fine adjustment
• Averaging non-uniform pulses
• Others
Adjustments: With DIP and Rotary switches.
• Input Type
• Pulse Sensing
• Noise Filter
• Detecting level
(Refer to the instruction manual for details)
Modular jack: Connecting the PU-2x
Low-end cutout: -15 – +115 % adjustable
(% of the input range determined by the input zero and
span frequencies. This unit outputs 0 % for the input below
the setting. When the input zero frequency is set to 0 Hz,
the low-end cutout setting below 0 % is not valid.)
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; approx. 440 mA (max.) at
shortcircuit
Frequency ranges: 0 – 0.01 Hz through 100 kHz (up to 10 Hz
for mechanical contact)
Minimum pulse width time requirement: 5 μsec.; 50 msec.
for mechanical contact (for both ON and OFF)
Minimum span: 10 % of the selected frequency range
■ Open Collector & Mechanical Contact
Input requirements
(Excitation: Sensing: OFF: ON)
5 V: Approx. 4 V / 1.0 mA: ≥ 200 kΩ: ≤ 200 Ω
12 V: Approx. 9 V / 2.3 mA: ≥ 200 kΩ: ≤ 200 Ω
24 V: Approx. 16 V / 4.7 mA: ≥ 200 kΩ: ≤ 200 Ω
Detecting level: 2 V (Detecting voltage in the internal
circuit.)
Detecting pulse edge: OFF (input monitor LED ON) to ON
(input monitor LED OFF)
■ Voltage Pulse
Waveform: Square or sine
Input impedance: 10 kΩ min.
Pulse amplitude: 0.1 – 100 Vp-p
Max. voltage between input terminals: 50 V
Detecting level: 0 – 5 V (factory setting: 2 V)
(Detecting voltage in the internal circuit.)
Detecting pulse state: A pulse rise detected when the input
voltage goes above the detecting level (input monitor LED
ON); a pulse sink detected when it goes below the level
(input monitor LED OFF).
■ Two-wire Current Pulse
Input resistance: Receiving resistor 100 Ω
Input range: 0 – 25 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com