Electronic Components Datasheet Search
  English  ▼

X  

HVS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HVS
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HVS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HVS Datasheet HTML 1Page - M-System Co.,Ltd. HVS Datasheet HTML 2Page - M-System Co.,Ltd. HVS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: HVS
HVS SPECIFICATIONS
ES-3418-A Rev.4 Page 1/3
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners H-UNIT
SIGNAL TRANSMITTER
(isolated)
Functions & Features
• Converting a DC input into a standard process signal
• Fast response type available
• High-density mounting
Typical Applications
• Isolation between control room and field instrumentation
26 (1.02)
93
(3.66)
mm (inch)
137
(5.39)
MODEL: HVS–[1][2]–R[3]
ORDERING INFORMATION
• Code number: HVS-[1][2]-R[3]
Specify a code from below for each of [1] through [3].
(e.g. HVS-6A-R/K/Q)
• Special input and output ranges (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
A1: 4 – 20 mA DC (Input resistance 50 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 62.5 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
J: 0 – 10 μA DC (Input resistance 1000 Ω)
K: 0 – 100 μA DC (Input resistance 1000 Ω)
GW: -1 – +1 mA DC (Input resistance 1000 Ω)
FW: -10 – +10 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Input resistance 10 kΩ min.)
15: 0 – 50 mV DC (Input resistance 10 kΩ min.)
16: 0 – 60 mV DC (Input resistance 10 kΩ min.)
2: 0 – 100 mV DC (Input resistance 100 kΩ min.)
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS (multiple selections)
Response Time (0 – 90 %)
blank: Standard (≤ 0.5 sec.)
/K: Fast Response (Approx. 25 msec.)
Other Options
blank: none
/Q: Option other than the above (specify the specification)


Similar Part No. - HVS

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVS RIEDON-HVS Datasheet
208Kb / 2P
High Voltage / High Temperature Thick Film Chip Resistors
HVS0805 RIEDON-HVS0805 Datasheet
208Kb / 2P
High Voltage / High Temperature Thick Film Chip Resistors
HVS0805 RIEDON-HVS0805 Datasheet
173Kb / 2P
High Voltage / High Temperature Thick Film Chip Resistors
HVS0805 RIEDON-HVS0805 Datasheet
112Kb / 2P
High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-100KJ8 RIEDON-HVS0805-100KJ8 Datasheet
112Kb / 2P
High Voltage / High Temperature Thick Film Chip Resistors
More results

Similar Description - HVS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HPE MSYSTEM-HPE Datasheet
101Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJPA MSYSTEM-HJPA Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJFT MSYSTEM-HJFT Datasheet
193Kb / 5P
Space-saving Plug-in Signal Conditioners H-UNIT
HJF MSYSTEM-HJF Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJDL MSYSTEM-HJDL Datasheet
138Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HAS MSYSTEM-HAS Datasheet
137Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HTS MSYSTEM-HTS Datasheet
113Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com