Electronic Components Datasheet Search
  English  ▼

X  

HSP Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # HSP
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HSP Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  HSP Datasheet HTML 1Page - M-System Co.,Ltd. HSP Datasheet HTML 2Page - M-System Co.,Ltd. HSP Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: HSP
HSP SPECIFICATIONS
ES-3456 Rev.9 Page 3/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1
2
3
4
7
6
8
5
26 (1.02)
107 (4.21)
26 (1.02)
15
(.59)
2–4.5 (.18)
HOLE
15 (.59) deep
DIN RAIL
35mm wide
[3.3 (.13)]
8–M3.5
SCREW
CLAMP
(top & bottom)
137 (5.39)
•When mounting, no extra space is needed between units.
7.8 (.31)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
Isolation
Base Socket
Waveform
Shaper
Output
Driver
OUTPUT
4
5
6
POWER
7
8
12V Supply
+
INPUT
1
3
2
+
SENSOR EXCITATION
1
3
2
+
4kΩ
■ Dry Contact
Input Connection Examples
+
+12V
PWR
■ Voltage Pulse
1
3
2
+
+
+12V
PWR
Z
S
One-Shot
Smoother
+
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com