Electronic Components Datasheet Search
  English  ▼

X  

BAV99 Datasheet(PDF) 2 Page - Rohm

Part # BAV99
Description  Switching diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAV99 Datasheet(HTML) 2 Page - Rohm

  BAV99 Datasheet HTML 1Page - Rohm BAV99 Datasheet HTML 2Page - Rohm BAV99 Datasheet HTML 3Page - Rohm BAV99 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV70 / BAW56 / BAV99
Diodes
2/3
Absolute maximum ratings (Ta=25
°C)
P / N Type
Peak
reverse
voltage
VRM (V)
DC
reverse
voltage
VR (V)
Peak
forward
current
IFM (mA)
Mean
rectifying
current
IF (mA)
Surge
current
(1
µs)
Isurge (A)
Power
dissipation
(TOTAL)
Pd (mW)
Junction
temperature
Tj (
°C)
Storage
temperature
Tstg (
°C)
Type
BAV70
BAW56
BAV99
75
85
85
70
70
75
450
450
450
215
215
215
4
4
4
300
225
300
150
150
150
−55 to +150
−55 to +150
−55 to +150
N
P
N
Electrical characteristics (Ta=25
°C)
Type
BAV70
BAW56
BAV99
1.25
1.25
1.25
150
150
150
2.5
1.0
1.0
70
75
75
1.5
2.0
1.5
0
0
0
1
1
1
4
4
4
10
10
10
10
10
10
VF (V)
Max.
Cond.
IF (mA)
IR (
µA)
Max.
Cond.
VR (V)
CT (pF)
Max.
Cond.
VR (V)
f (MHz)
trr (ns)
Max.
Cond.
VR (V)
IF (mA)
Forward voltage
Reverse current
Capacitance between terminals
Reverse recovery time
Electrical characteristic curves (Ta=25
°C)
0
25
50
75
100
125
0
25
50
75
100
125
150
AMBIENT TEMPERATURE : T
a (
°C)
Fig.1 Power attenuation curve
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
50
20
10
5
2
1
0.5
0.2
0.1
FORWARD VOLTAGE : VF (V)
Fig.2 Forward characteristics
(P Type)
Ta
=85°C
50
°C
25
°C
0
°C
−30°C
REVERSE VOLTAGE : VR (V)
0.01
100
1000
10
0.1
1
10
20
30
40
50
0
Fig.3 Reverse characteristics
(P Type)
Ta
=100°C
75
°C
50
°C
25
°C
0
°C
−25°C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
50
20
10
5
2
1
0.5
0.2
0.1
FORWARD VOLTAGE : VF (V)
Fig.4 Forward characteristics
(N Type)
Ta
=85°C
50
°C
25
°C
0
°C
−30°C
REVERSE VOLTAGE : VR (V)
0.01
100
1000
10
0.1
1
10
20
30
40
80
70
60
50
0
Fig.5 Reverse characteristics
(N Type)
Ta
=100°C
75
°C
50
°C
25
°C
−25°C
0
°C
02
4
6
8
10 12
16
14
18
20
4
2
0
REVERSE VOLTAGE : VR (V)
f
=1MHz
Fig.6 Capacitance between
terminals characteristics
P Type
N Type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com