Electronic Components Datasheet Search
  English  ▼

X  

CY23FS08 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY23FS08
Description  Failsafe 2.5V/ 3.3V Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY23FS08 Datasheet HTML 4Page - Cypress Semiconductor CY23FS08 Datasheet HTML 5Page - Cypress Semiconductor CY23FS08 Datasheet HTML 6Page - Cypress Semiconductor CY23FS08 Datasheet HTML 7Page - Cypress Semiconductor CY23FS08 Datasheet HTML 8Page - Cypress Semiconductor CY23FS08 Datasheet HTML 9Page - Cypress Semiconductor CY23FS08 Datasheet HTML 10Page - Cypress Semiconductor CY23FS08 Datasheet HTML 11Page - Cypress Semiconductor CY23FS08 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY23FS08
Document #: 38-07518 Rev. *A
Page 9 of 12
Table 4. Operating Conditions for FailSafe Commercial/Industrial Temperature Devices
Parameter
Description
Min. Max. Unit
VDDC
3.3V Supply Voltage
3.135 3.465
V
VDDA,
VDDB
2.5V Supply Voltage Range
2.375 2.625
V
3.3V Supply Voltage Range
3.135 3.465
V
TA
Ambient Operating Temperature, Commercial
0
70
°C
Ambient Operating Temperature, Industrial
–40
85
°C
CL
Output Load Capacitance (Fout < 100 MHz)
30
pF
Output Load Capacitance (Fout > 100 MHz)
15
pF
CIN
Input Capacitance (except XIN)
7pF
CXIN
Crystal Input Capacitance (all internal caps off)
10
13
pF
TPU
Power-up time for all VDDs to reach minimum specified voltage (power ramps must be monotonic) 0.05
500
ms
Table 5. Electrical Characteristics for FailSafe Commercial/Industrial Temperature Devices
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
CMOS Levels, 30% of VDD
0.3xVDD
V
VIH
Input High Voltage
CMOS Levels, 70% of VDD
0.7xVDD
V
IIL
Input Low Current
VIN=VSS (100k pull-up only)
50
µA
IIH
Input High Current
VIN=VDD (100k pull-down only)
50
µA
IOL
Output Low Current
VOL=0.5V, VDD= 2.5V
18
mA
VOL=0.5V, VDD= 3.3V
20
mA
IOH
Output High Current
VOH=VDD–0.5V, VDD= 2.5V
18
mA
VOH=VDD–0.5V, VDD = 3.3V
20
mA
IDDQ
Quiescent Current
All Inputs grounded, PLL and DCXO in
bypass mode, Reference Input = 0
250
µA
Table 6. Switching Characteristics for FailSafe Commercial/Industrial Temperature Devices
Parameter[8]
Description
Test Conditions
Min.
Max.
Unit
fREF
Reference Frequency
Commercial Grade
1.04
200
MHz
Industrial Grade
1.04
166.7
MHz
fOUT
Output Frequency
15-pF Load, Commercial Grade
1.70
200
MHz
15-pF Load, Industrial Grade
1.70
166.7
MHz
fXIN
DCXO Frequency
8.0
30
MHz
tDC
Duty Cycle
Measured at VDD/2
47
53
%
tSR(I)
Input Slew Rate
Measured on REF1 Input, 30% to 70% of VDD
0.5
4.0
V/ns
tSR(O)
Output Slew Rate
Measured from 20% to 80% of VDD = 3.3V, 15 pF Load
0.8
4.0
V/ns
Measured from 20% to 80% of VDD =2.5V, 15 pF Load
0.4
3.0
V/ns
tSK(O)
Output to Output Skew All outputs equally loaded, measured at VDD/2
200
ps
tSK(IB)
Intrabank Skew
All outputs equally loaded, measured at VDD/2
75
ps
tSK(PP)
Part to Part Skew
Measured at VDD/2
500
ps
t(φ)[7]
Static Phase Offset
Measured at VDD/2
250
ps
tD(φ)[7]
Dynamic Phase Offset Measured at VDD/2
200
ps
tJ(CC)
Cycle-to-Cycle Jitter
Load = 15 pF, fOUT ≥ 6.25 MHz
200
ps
35
psRMS
tLOCK
PLL Lock Time
Stable power supply, valid clock at REF
1.0
ms
Note:
7.
The
t(φ) reference feedback input delay is guaranteed for a maximum 4:1 input edge ratio between the two signals as long as tSR(I) is maintained.
8.
Parameters guaranteed by design and characterization, not 100% tested in production.
9.
Includes typical board trace capacitance of 6–7pF each XIN, XOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com