Electronic Components Datasheet Search
  English  ▼

X  

FTV5V0D7 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTV5V0D7
Description  Uni-direction ESD Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV5V0D7 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTV5V0D7 Datasheet HTML 1Page - First Silicon Co., Ltd FTV5V0D7 Datasheet HTML 2Page - First Silicon Co., Ltd FTV5V0D7 Datasheet HTML 3Page - First Silicon Co., Ltd FTV5V0D7 Datasheet HTML 4Page - First Silicon Co., Ltd FTV5V0D7 Datasheet HTML 5Page - First Silicon Co., Ltd FTV5V0D7 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Parameter
Symbol
Limit
Unit
IEC 61000-4-2 ESD Voltage
Air Model
Contact Model
VESD(1)
±25
kV
±25
JESD22-A114-B ESD Voltage
Per Human Body Model
±16
ESD Voltage
Machine Model
±0.4
Peak Pulse Power
PPP(2)
170
W
Peak Pulse Current
IPP(2)
13
A
Lead Solder Temperature − Maximum (10 Second Duration)
TL
260
℃
Operation Junction and Storage Temperature Range
TJ,Tstg
-55 ~ +150
℃
(1).Device stressed with ten non-repetitive ESD pulses.
(2).Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC61000-4-5.
ESD standards compliance
IEC61000-4-2 Standard
JESD22-A114-B Standard
Contact Discharge
Air Discharge
Level
Test Voltage kV
Level
Test Voltage kV
1
2
1
2
2
4
2
4
3
6
3
8
4
8
4
15
ESD Class
Human Body Discharge V
0
0~249
1A
1B
1C
250~499
500~999
1000~1999
2
2000~3999
3A
3B
4000~7999
8000~15999
ESD pulse waveform according to IEC61000-4-2
8/20μs pulse waveform according to IEC 61000-4-5
FTV5V0D7
2020. 06. 22
2/6
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com