Electronic Components Datasheet Search
  English  ▼

X  

EMF4 Datasheet(PDF) 3 Page - Rohm

Part # EMF4
Description  Power management (dual transistors)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMF4 Datasheet(HTML) 3 Page - Rohm

  EMF4 Datasheet HTML 1Page - Rohm EMF4 Datasheet HTML 2Page - Rohm EMF4 Datasheet HTML 3Page - Rohm EMF4 Datasheet HTML 4Page - Rohm EMF4 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMF4
Transistors
3/4
!
!
!
!
Electrical characteristic curves
Tr1
0
1
100
1000
10
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
1.4
1.0
1.2
0.4
0.6
0.8
0.2
VCE=2V
Pulsed
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
Fig.2
DC current gain vs.
collector current
1
10
1000
100
Ta
=125°C
Ta
=−40°C
Ta
=25°C
VCE
=2V
Pulsed
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
Fig.3
Collector-emitter saturation voltage
vs. collector current (
Ι )
1
10
1000
100
Ta=25
°C
Pulsed
IC/IB
=50
IC/IB
=20
IC/IB
=10
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
Fig.4
Collector-emitter saturation voltage
vs. collector current (
ΙΙ )
1
10
1000
100
Ta
=25°C
Ta
=−40°C
Ta
=125°C
IC/IB
=20
Pulsed
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
Fig.5
Base-emitter saturation voltage
vs. collector current
10
100
10000
1000
Ta
=25°C
Ta
=−40°C
Ta
=125°C
IC/IB
=20
Pulsed
1
10
100
1000
EMITTER CURRENT : IE (mA)
Fig.6
Gain bandwidth product
vs. emitter current
1
10
1000
100
VCE
=2V
Ta
=25°C
Pulsed
1
10
100
0.1
1
10
100
1000
Ta
=25
°C
f
=1MHz
IE
=0A
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Fig.7
Collector output capacitance
vs. collector-base voltage
Emitter input capacitance
vs. emitter-base voltage
Cib
Cob



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com