Electronic Components Datasheet Search
  English  ▼

X  

EMF8 Datasheet(PDF) 2 Page - Rohm

Part # EMF8
Description  Power management (dual transistors)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMF8 Datasheet(HTML) 2 Page - Rohm

  EMF8 Datasheet HTML 1Page - Rohm EMF8 Datasheet HTML 2Page - Rohm EMF8 Datasheet HTML 3Page - Rohm EMF8 Datasheet HTML 4Page - Rohm EMF8 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMF8
Transistors
Rev.A
2/4
Absolute maximum ratings (Ta=25
°C)
Tr1
Parameter
∗1 Single pulse PW=1ms
∗2 120mW per element must not be exceeded.
Each terminal mounted on a recommended land.
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
15
12
6
500
150(TOTAL)
150
−55 to +150
1.0
∗1
∗2
Unit
V
V
V
mA
A
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
DTr2
Parameter
∗1 Characteristics of built-in transistor.
∗2 120mW per element must not be exceeded.
Each terminal mounted on a recommended land.
Symbol
VCC
VIN
IC
IO
PC
Tj
Tstg
Limits
50
−10 to +40
100
30
150(TOTAL)
150
−55 to +150
∗1
∗2
Unit
V
V
mA
mA
mW
°C
°C
Supply voltage
Input voltage
Collector current
Output current
Power dissipation
Junction temperature
Range of storage temperature
Electrical characteristics (Ta=25
°C)
Tr1
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
=10V, IE=0mA, f=1MHz
Transition frequency
fT
−
320
−
MHz
VCE
=2V, IE=−10mA, f=100MHz
BVCEO
12
−−
V
IC
=1mA
Collector-emitter breakdown voltage
BVCBO
15
−−
V
IC
=10µA
Collector-base breakdown voltage
BVEBO
6
−−
V
IE
=10µA
Emitter-base breakdown voltage
ICBO
−−
100
nA
VCB
=15V
Collector cut-off current
IEBO
−−
100
nA
VEB
=6V
Emitter cut-off current
VCE(sat)
−
100
250
mV
IC
=200mA, IB=10mA
Collector-emitter saturation voltage
hFE
270
−
680
−
VCE
=2V, IC=10mA
DC current gain
Cob
−
7.5
−
pF
Collector output capacitance
DTr2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
∗
Transition frequency
fT
−
250
−
MHz
VCE
=10V, IE= −5mA, f=100MHz
∗Characteristics of built-in transistor.
VI(off)
−−
0.5
V
VCC
=5V, IO=100µA
Input voltage
VI(on)
3.0
−−
V
VO
=0.3V, IO=2mA
VO(on)
−
100
300
mV
VO
=10mA, II=0.5mA
Output voltage
II
−−
180
µAVI=5V
Input current
IO(off)
−−
500
nA
VCC
=50V, VI=0V
Output current
R1
32.9
47
61.1
k
Ω
−
Input resistance
GI
68
−−
−
VO
=5V, IO=5mA
DC current gain
−
R2/R1
0.8
1.0
1.2
−
Resistance ratio



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com